Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6132B Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP6132B
Description  Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6132B Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP6132B Datasheet HTML 6Page - ON Semiconductor NCP6132B Datasheet HTML 7Page - ON Semiconductor NCP6132B Datasheet HTML 8Page - ON Semiconductor NCP6132B Datasheet HTML 9Page - ON Semiconductor NCP6132B Datasheet HTML 10Page - ON Semiconductor NCP6132B Datasheet HTML 11Page - ON Semiconductor NCP6132B Datasheet HTML 12Page - ON Semiconductor NCP6132B Datasheet HTML 13Page - ON Semiconductor NCP6132B Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
NCP6132A, NCP6132B
http://onsemi.com
10
Table 5. ELECTRICAL CHARACTERISTICS Unless otherwise stated: −10°C < TA< 100°C; VCC = 5.0 V; CVCC = 0.1 mF
Parameter
Units
Max
Typ
Min
Test Conditions
VRDY, VRDYA (Power Good) OUTPUT
Rise Time
External pull−up of 1 kW to 3.3 V,
CTOT = 45 pF, DVo = 10% to 90%
100
ns
Fall Time
External pull−up of 1 kW to 3.3 V,
CTOT = 45 pF, DVo = 90% to 10%
10
ns
Output Voltage at Power−up
VRDY, VRDYA pulled up to 5 V via 2 kW
1.0
V
Output Leakage Current When High
VRDY & VRDYA = 5.0 V
−1.0
1.0
mA
VRDY Delay (rising)
DAC = TARGET to VRDY
500
ms
VRDY Delay (falling)
From OCP or OVP
5
ms
PWM, PWMA OUTPUTS
Output High Voltage
Sourcing 500 mA
VCC
1.0 V
V
Output Mid Voltage
No Load, SetPS = 02
1.3
2.0
2.7
V
Output Low Voltage
Sinking 500 mA
0.7
V
Rise and Fall Time
CL (PCB) = 50 pF, DVo = GND to VCC
10
ns
Tri−State Output Leakage
Gx = 2.0 V, x = 1−4, EN = Low
−1.0
1.0
mA
PHASE DETECTION
CSP1A, CSP2A, CSP2, CSP3
Pin Threshold Voltage
4.2
V
SCLK, SDIO
VIL
Input Low Voltage
0.45
V
VIH
Input High Voltage
0.65
V
VHYS
Hysteresis Voltage
50
mV
VOH
Output High Voltage
1.05
V
VOL
Output Low Voltage (SDIO only)
TBD
mV
RON
Buffer On Resistance
(data line, ALERT#, and VRHOT#)
4
13
W
Leakage Current
−100
100
mA
Pad Capacitance (Note 3)
4.0
pF
VR clock to data delay (Tco) (Note 3)
4
8.3
ns
Setup time (Tsu) (Note 3)
7
ns
Hold time (Thld) (Note 3)
14
ns
HIGH−SIDE MOSFET DRIVER
Pull−up Resistance, Sourcing Current (Note 4)
BST = PVCC
1.2
2.0
W
High Side Driver Sourcing Current
BST = PVCC
4.17
A
Pull−down Resistance, Sinking Current
(Note 4)
BST = PVCC
0.8
2.0
W
High Side Driver Sinking Current
BST = PVCC
6.25
A
HG1, HG2, HGA Rise Time
VCC = 5 V, 3 nF load, BST − SW = 5 V
6
16
30
ns
HG1, HG2, HGA Fall Time
VCC = 5 V, 3 nF load, BST − SW = 5 V
6
11
30
ns
HG1, HG2, HGA Turn−On Propagation Delay
tpdhDRVH
CLOAD = 3 nF
16
40
47
ns
SW1, SW2, SWA Pull−Down Resistance
SW to PGND
2
kW
3. Guaranteed by design/characterization, not in production test
4. Guaranteed by characterization


Similar Part No. - NCP6132B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6132BMNR2G ONSEMI-NCP6132BMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
More results

Similar Description - NCP6132B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
NCP6132 ONSEMI-NCP6132 Datasheet
90Kb / 2P
   Dual Output 3 Phase & 2 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
August, 2011 - Rev. 0
NCP81141 ONSEMI-NCP81141 Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP6121S52MNR2G ONSEMI-NCP6121S52MNR2G Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
January, 2013 ??Rev. 2
NCP81119 ONSEMI-NCP81119 Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
NCP6153MNTWG ONSEMI-NCP6153MNTWG Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
October, 2012 ??Rev. 1
NCP81140 ONSEMI-NCP81140 Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81142 ONSEMI-NCP81142 Datasheet
321Kb / 21P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2018 - Rev. 3
NCP6151 ONSEMI-NCP6151 Datasheet
561Kb / 34P
   Dual Output 4 Phase 1/0 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
Rev1, 032012
ASP2100 ONSEMI-ASP2100 Datasheet
593Kb / 40P
   82 Phase Output Controller with SVID Interface for Desktop Computer CPU Applications
March, 2023 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com