Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6132ADMNR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP6132ADMNR2G
Description  Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6132ADMNR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP6132ADMNR2G Datasheet HTML 3Page - ON Semiconductor NCP6132ADMNR2G Datasheet HTML 4Page - ON Semiconductor NCP6132ADMNR2G Datasheet HTML 5Page - ON Semiconductor NCP6132ADMNR2G Datasheet HTML 6Page - ON Semiconductor NCP6132ADMNR2G Datasheet HTML 7Page - ON Semiconductor NCP6132ADMNR2G Datasheet HTML 8Page - ON Semiconductor NCP6132ADMNR2G Datasheet HTML 9Page - ON Semiconductor NCP6132ADMNR2G Datasheet HTML 10Page - ON Semiconductor NCP6132ADMNR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
NCP6132A, NCP6132B
http://onsemi.com
7
Table 5. ELECTRICAL CHARACTERISTICS Unless otherwise stated: −10°C < TA< 100°C; VCC = 5.0 V; CVCC = 0.1 mF
Parameter
Test Conditions
Min
Typ
Max
Units
CURRENT SUMMING AMPLIFIER
Offset Voltage (Vos)
−300
300
mV
Input Bias Current (CSSUM)
CSSUM = CSREF = 1 V
−7.5
7.5
nA
Open Loop Gain
80
dB
Current Sense Unity Gain Bandwidth
CL = 20 pF to GND,
RL = 10 kW to GND
10
MHz
Maximum CSCOMP (A) Output Voltage
Isource = 2 mA
3.5
V
Minimum CSCOMP(A) Output Voltage
Isink = 500 mA
0.1
V
CURRENT BALANCE AMPLIFIER
Input Bias Current
CSPx = CSREF = 1.2 V
−50
50
nA
Common Mode Input Voltage Range
CSPx = CSREF
0
2.0
V
Differential Mode Input Voltage Range
CSREF = 1.2 V
−100
100
mV
Input Offset Voltage Matching
CSPx = CSREF = 1.2 V,
Measured from the average
−1.5
1.5
mV
Current Sense Amplifier Gain
0 V < CSPx − CSREF < 0.1 V,
−10°C ~ 85°C
−10°C ~ 100°C
5.7
5.5
6.0
6.0
6.3
6.3
V/V
Multiphase Current Sense Gain Matching
CSREF = CSP = 10 mV to 30 mV
−3
3
%
−3 dB Bandwidth
8
MHz
BIAS SUPPLY
VCC Quiescent Current
EN = high
20
27
35
mA
EN = low
10
70
mA
UVLO Threshold
VCC rising
4.5
V
VCC falling
4.0
V
VCC UVLO Hysteresis
200
mV
VDDBP Quiescent Current
EN = Low
EN = High
0.8
12.0
mA
DAC SLEW RATE
Soft Start Slew Rate
2.33
mv/ms
Slew Rate Slow
3.5
mv/ms
Slew Rate Fast
13.5
mv/ms
AUX Soft Start Slew Rate
2.33
mv/ms
AUX Slew Rate Slow
3.5
mv/ms
AUX Slew Rate Fast
13.5
mv/ms
ENABLE INPUT
Enable High Input Leakage Current
External 1k pull−up to 3.3 V
1.0
mA
Upper Threshold
VUPPER
0.8
V
Lower Threshold
VLOWER
0.35
V
Total Hysteresis
VUPPER – VLOWER
95
mV
Enable Delay Time
Measure time from Enable transitioning HI
to when DRON goes high, Vboot is not 0 V
5.0
ms
3. Guaranteed by design/characterization, not in production test
4. Guaranteed by characterization


Similar Part No. - NCP6132ADMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
More results

Similar Description - NCP6132ADMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
NCP6132 ONSEMI-NCP6132 Datasheet
90Kb / 2P
   Dual Output 3 Phase & 2 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
August, 2011 - Rev. 0
NCP81141 ONSEMI-NCP81141 Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP6121S52MNR2G ONSEMI-NCP6121S52MNR2G Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
January, 2013 ??Rev. 2
NCP81119 ONSEMI-NCP81119 Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
NCP6153MNTWG ONSEMI-NCP6153MNTWG Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
October, 2012 ??Rev. 1
NCP81140 ONSEMI-NCP81140 Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81142 ONSEMI-NCP81142 Datasheet
321Kb / 21P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2018 - Rev. 3
NCP6151 ONSEMI-NCP6151 Datasheet
561Kb / 34P
   Dual Output 4 Phase 1/0 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
Rev1, 032012
ASP2100 ONSEMI-ASP2100 Datasheet
593Kb / 40P
   82 Phase Output Controller with SVID Interface for Desktop Computer CPU Applications
March, 2023 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com