Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP024V240W1AA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DRP024V240W1AA
Description  CliQ DIN Rail Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V240W1AA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DRP024V240W1AA_14 Datasheet HTML 3Page - Delta Electronics, Inc. DRP024V240W1AA_14 Datasheet HTML 4Page - Delta Electronics, Inc. DRP024V240W1AA_14 Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V240W1AA_14 Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V240W1AA_14 Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V240W1AA_14 Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V240W1AA_14 Datasheet HTML 9Page - Delta Electronics, Inc. DRP024V240W1AA_14 Datasheet HTML 10Page - Delta Electronics, Inc. DRP024V240W1AA_14 Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TECHNICAL DATASHEET
CliQ DIN Rail Power Supply
24V 240W 1 Phase / DRP024V240W1AA
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2014, Rev. 03)
7
Output De-rating VS. Input Voltage
Assembly & Installation
The power supply unit (PSU) can be mounted on 35mm DIN rails in accordance with EN 60715. The device should be installed with
input terminal block at the bottom.
Each device is delivered ready to install.
Mounting
In accordance to EN 60950 / UL 50950, flexible cables require ferrules.
Use appropriate copper cables designed to sustain operating temperature of at least 75°C or more to fulfill UL requirements.
For stranded wires it is recommended to use suitable lug to crimp wires.
Dismounting
Fig. 2.1 Mounting
Snap on the DIN rail as shown in Fig. 2.1:
1.
Tilt the unit upwards and insert it onto the DIN rail.
2.
Push downwards until stopped.
3.
Press against the bottom front side for locking.
4.
Shake the unit slightly to ensure that it is secured.
Fig. 2.2 Dismounting
To uninstall, pull or slide down the latch with screw driver as
shown in Fig. 2.2. Then slide the power supply unit (PSU) in
the opposite direction, release the latch and pull out the power
supply unit (PSU) from the rail.
No output power de-rating across the entire
input voltage range


Similar Part No. - DRP024V240W1AA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V240W1AA DELTA-DRP024V240W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 240W 1 Phase
More results

Similar Description - DRP024V240W1AA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
DRP024V120W1AA DELTA-DRP024V120W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP012V060W1AA DELTA-DRP012V060W1AA_13 Datasheet
631Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V015W1AY DELTA-DRP012V015W1AY Datasheet
694Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AA DELTA-DRP024V060W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com