Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP024V120W1BN Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DRP024V120W1BN
Description  CliQ II DIN Rail Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V120W1BN Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DRP024V120W1BN Datasheet HTML 1Page - Delta Electronics, Inc. DRP024V120W1BN Datasheet HTML 2Page - Delta Electronics, Inc. DRP024V120W1BN Datasheet HTML 3Page - Delta Electronics, Inc. DRP024V120W1BN Datasheet HTML 4Page - Delta Electronics, Inc. DRP024V120W1BN Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V120W1BN Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V120W1BN Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V120W1BN Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V120W1BN Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
24V 120W 1 Phase / DRP024V120W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 03)
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-240Vac
Input Voltage Range
85-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Nominal DC Input Voltage
125-250Vdc
DC Input Voltage Range
120-375Vdc
Input Current
< 2.20A @ 115Vac, < 1.20A @ 230Vac
Efficiency
> 89.0% @ 115Vac, > 90.0% @ 230Vac
Max Inrush Current
< 35A @ 115Vac & 230Vac
Power Factor
Conform to EN61000-3-2
Leakage Current
< 1mA @ 240Vac
Output Ratings / Characteristics
Nominal Output Voltage
24Vdc
Output Voltage Tolerance
± 2% (initial set point tolerance)
Output Voltage Adjustment Range
24-28Vdc
Output Current
5A
Output Power
120W
Line Regulation
< 0.5% typ. (@ 85-264Vac input, 100% input)
Load Regulation
< 1% typ. (@ 85-264Vac input, 0-100% input)
Residual Ripple / PARD (20MHz)
< 50mVpp / <150mVpp @ 25°C
Rise Time
< 100ms @ nominal input (100% load, 25°C)
Start-up Time
< 1000ms @ nominal input (100% load, 25°C)
Hold-up Time
> 20ms @ 115Vac,
> 115ms @ 230Vac (100% load, 25°C)
Dynamic Response (Overshoot & Undershoot O/P Voltage)
± 5% @ 10-100% load
Start-up with Capacitive Loads
10,000µF Max


Similar Part No. - DRP024V120W1BN

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRP024V120W1BN POWERBOX-DRP024V120W1BN Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRP024V120W1BN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
DRP024V060W1BN DELTA-DRP024V060W1BN Datasheet
708Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V120W3BA DELTA-DRP024V120W3BA Datasheet
1,013Kb / 14P
   CliQ II DIN Rail Power Supply
DRP024V480W1BA DELTA-DRP024V480W1BA Datasheet
735Kb / 12P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP024V060W3BA DELTA-DRP024V060W3BA Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BA DELTA-DRP024V240W1BA Datasheet
648Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V240W3BX DELTA-DRP024V240W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BX DELTA-DRP024V240W1BX Datasheet
1Mb / 15P
   CliQ II DIN Rail Power Supply
DRP024V480W3BX DELTA-DRP024V480W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V960W3BN DELTA-DRP024V960W3BN Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com