Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP024V060W1AZ Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DRP024V060W1AZ
Description  CliQ DIN Rail Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V060W1AZ Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DRP024V060W1AZ Datasheet HTML 3Page - Delta Electronics, Inc. DRP024V060W1AZ Datasheet HTML 4Page - Delta Electronics, Inc. DRP024V060W1AZ Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V060W1AZ Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V060W1AZ Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V060W1AZ Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V060W1AZ Datasheet HTML 9Page - Delta Electronics, Inc. DRP024V060W1AZ Datasheet HTML 10Page - Delta Electronics, Inc. DRP024V060W1AZ Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TECHNICAL DATASHEET
CliQ DIN Rail Power Supply
24V 60W 1 Phase / DRP024V060W1AZ
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (December 2012, Rev. 02)
11
Others
Delta RoHS Compliant
Restriction of the usage of hazardous substances
The European directive 2011/65/EC limits the maximum impurity level of homogeneous materials such as lead,
mercury, cadmium, chrome, polybrominated flame retardants PBB and PBDE for the use in electrical and
electronic equipment. RoHS is the abbreviation for “Restriction of the use of certain hazardous substances in
electrical and electronic equipment”.
This product conforms to this standard.
Conformal Coating
The Protective Coating Technology
Delta Electronics Group has designed the perfect dipping technique which penetrates everywhere including
under device, and prevents leakage. The conformal coating dipping can be applied to PCBs or circuit board.
The coating preserves the performance of precision electronic primarily by preventing ionizable contaminants
such as salt from reaching circuit nodes, where the material slumps around sharp edges. This can be a problem
especially in highly conversing atmosphere.


Similar Part No. - DRP024V060W1AZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V060W1AZ DELTA-DRP024V060W1AZ Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 1 Phase Plastic
More results

Similar Description - DRP024V060W1AZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
DRP024V240W1AA DELTA-DRP024V240W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V120W1AA DELTA-DRP024V120W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP012V060W1AA DELTA-DRP012V060W1AA_13 Datasheet
631Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V015W1AY DELTA-DRP012V015W1AY Datasheet
694Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AA DELTA-DRP024V060W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com