Electronic Components Datasheet Search |
|
F3M-S1225 Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
F3M-S1225 Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 7 page F3M-S F3M-S 3 Specifications J RATINGS/CHARACTERISTICS Part number F3M-S625 F3M-S626 F3M-S825 F3M-S826 F3M-S1213 F3M-S1225 Sensing object 6-inch (5-inch) semiconductor silicon wafers and transparent wafers (with transparency of 92% max.) (See Note.) 8-inch semiconductor silicon wafers and transparent wafers (with transparency of 92% max.) (See Note.) 12-inch semiconductor silicon wafers and 12-inch SIC wafers (with transparency of 30% max.) Number of channels 25 26 25 26 13 25 Optical axis pitch 4.76 mm 6.35 mm 10 mm Optical axis width 1.5 mm Light source Infrared LED (940 nm) Power supply voltage 12 to 24 VDC ±10%, ripple (p-p): 10% max. Current consumption 120 mA max. Output Control output Load power supply voltage: 30 VDC Load current: 20 mA max. (residual voltage: 1 V max.) Inflow current: 20 mA Parallel output from all channels, NPN open collector Dark-ON operation Answer-back output When remote teaching is ON, pin 28 will be used for this function. Self- diagnostic output Load power supply voltage: 30 VDC max. Load current: 20 mA max. (Residual voltage: 1 V max.) Inflow current: 20 mA NPN open collector --- Load power supply voltage: 30 VDC max. Load current: 20 mA max. (Residual voltage: 1 V max.) Inflow current: 20 mA NPN open collector --- Load power supply voltage: 30 VDC max. Load current: 20 mA max. (Residual voltage: 1 V max.) Inflow current: 20 mA NPN open collector Indicators Power Green indicator is ON when power is being supplied. Warning Red indicator is ON under the following conditions: Teaching, no sensing object, insufficient light, or error. Response time 10 ms max. Control output interrupt input All outputs interrupted: GND and control output interrupt input terminals are short-circuited and 0-V short-circuit current is 1 mA max. Output interrupt reset: GND and control output interrupt input terminals are opened or the voltage is between 9 V and the working power supply voltage. Remote ON GND and remote input terminals are short-circuited and 0-V short-circuit current is 1 mA max. Remote teaching input OFF GND and remote input terminals are opened or the voltage is between 9 V and the working power supply voltage. Teaching check function Orange LED indicator Ambient temperature Operating 0°Cto 40°C(32°F to 104°F) with no icing or condensation 0°Cto 55°C(32°F to 131°F) with no icing or condensation p Storage --25°Cto 60°C(--13°F to 140°F) --25°Cto 60°C(--13°F to 140°F) Relative humidity 35% to 85% with no condensation Ambient illumination Fluorescent lamp: 1,500 ℓxmax. Noise resistance Power supply line: ±480 V in normal mode with noise simulator Noise resistance Static electrical noise: No malfunction or destruction at ±8kV Vibration resistance 10 to 55 Hz, 0.5-mm double amplitude for 2 hrs each in X, Y, and Z axes Shock resistance 300 m/s2 (30G) for 3 times each in X, Y, and Z axes Degree of protection IEC60529 IP40 Connection Preleaded cable (standard cable length: 100 mm) Connector (This table continues on the next page.) |
Similar Part No. - F3M-S1225 |
|
Similar Description - F3M-S1225 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |