Electronic Components Datasheet Search |
|
C0603C0G1E0R3BTQ Datasheet(PDF) 8 Page - TDK Electronics |
|
C0603C0G1E0R3BTQ Datasheet(HTML) 8 Page - TDK Electronics |
8 / 15 page TDK MLCC US Catalog Version B11 Page 154 G General Specifications C0603 Series – High Q Capacitors No. Item Performance Test or Inspection Method 1 External Appearance No defects which may affect performance. Inspect with magnifying glass (10 ). 2 Insulation Resistance 10,000M min. Apply rated voltage for 60s. 3 Voltage Proof Withstand test voltage without insulation breakdown or other damage. Above DC voltage shall be applied for 1 to 5s. Charge / discharge current shall not exceed 50mA. 4 Capacitance Within the specified tolerance. 5Q (Class 1) C : Rated capacitance (pF) See No.4 in this table for measuring condition. 6 Temperature Characteristics of Capacitance (Class 1) Capacitance drift Within 0.2% or 0.05pF, whichever larger. Temperature coefficient shall be calculated based on values at 25ºC and 85ºC temperature. Measuring temperature below 20ºC shall be -10ºC and -25ºC. 7 Robustness of Terminations No sign of termination coming off, breakage of ceramic, or other abnormal signs. Reflow solder the capacitor on P.C. board (shown in Appendix 1) and apply a pushing force of 2N for 10 1s. 8 Bending No mechanical damage. Reflow solder the capacitor on P.C. board (shown in Appendix 2) and bend it for 1mm. Class Apply voltage Class 1 3 rated voltage Class Measuring Frequency Measuring voltage Class 1 1MHz±10% 0.5 - 5 Vrms Rated Capacitance Q C 30pF 1,000 min. C < 30pF 400 + 20 C min. T.C. Temperature Coefficient C0G 0 30 ppm/ºC Pushing force P.C. board Capacitor 1 20 50 F R230 45 45 Unit: mm * This series is available through the distribution channel only. Please see www.tdk.com/distributor.php for a list of authorized distributors. |
Similar Part No. - C0603C0G1E0R3BTQ |
|
Similar Description - C0603C0G1E0R3BTQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |