Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3949SLBTR-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3949SLBTR-T
Description  DMOS Full-Bridge Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3949SLBTR-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3949SLBTR-T Datasheet HTML 1Page - Allegro MicroSystems A3949SLBTR-T Datasheet HTML 2Page - Allegro MicroSystems A3949SLBTR-T Datasheet HTML 3Page - Allegro MicroSystems A3949SLBTR-T Datasheet HTML 4Page - Allegro MicroSystems A3949SLBTR-T Datasheet HTML 5Page - Allegro MicroSystems A3949SLBTR-T Datasheet HTML 6Page - Allegro MicroSystems A3949SLBTR-T Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMOS Full-Bridge Motor Driver
A3949
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
PWM Control Timing Diagram
ENABLE
PHASE
MODE
OUTA
OUTB
I
OUT
0 V
0 V
SLEEP
A
Charge pump and VREG power-up delay (approximately 200 us)
0 A
2
3
4
5
6
7
9
8
V
BB
V
BB
A
1
VBB
VBB
1
2
3
4
OUTB
OUTA
OUTA
OUTB
5
6
9
8
7


Similar Part No. - A3949SLBTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3949SLBTR-T ALLEGRO-A3949SLBTR-T Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949SLBTR-T ALLEGRO-A3949SLBTR-T Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
More results

Similar Description - A3949SLBTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
   DMOS Full-Bridge Motor Driver
November 4, 2005
A3949 ALLEGRO-A3949 Datasheet
231Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
   DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com