Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3842AC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA3842AC
Description  Low start current 0.2mA (Typ.)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3842AC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA3842AC Datasheet HTML 1Page - Fairchild Semiconductor KA3842AC Datasheet HTML 2Page - Fairchild Semiconductor KA3842AC Datasheet HTML 3Page - Fairchild Semiconductor KA3842AC Datasheet HTML 4Page - Fairchild Semiconductor KA3842AC Datasheet HTML 5Page - Fairchild Semiconductor KA3842AC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.fairchildsemi.com
KA3842AC/KA3842AE Rev. 1.0.1
Internal Block Diagram
8
+
-
7
5
Internal
Bias
5V
VREF
SET/
RESET
Good LOGIC
2
R
S
OSCILLATOR
1
3
4
T
7
6
5
UVLO
29V
22V
1/3
Error Amp
1/2 VREF
1V
C.S
Comp.
PWM
LATCH
VREF
VFB
COMP
C.S
RT/CT
OUTPUT
VCC
GND
PWR
VC
PWR
GND


Similar Part No. - KA3842AC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3842AC FAIRCHILD-KA3842AC Datasheet
37Kb / 6P
   SMPS Controller
KA3842AC FAIRCHILD-KA3842AC Datasheet
122Kb / 6P
   SMPS Controller
KA3842AC FAIRCHILD-KA3842AC_06 Datasheet
122Kb / 6P
   SMPS Controller
More results

Similar Description - KA3842AC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Xinmao Microel...
LP2773 LANDP-LP2773 Datasheet
457Kb / 7P
   Low start current
logo
Guangdong Youtai Semico...
UC2842 UMW-UC2842_V01 Datasheet
779Kb / 7P
   Low Start-Up and Operating Current
UC2842 UMW-UC2842 Datasheet
832Kb / 9P
   Low Start-Up and Operating Current
UC3842 UMW-UC3842_V01 Datasheet
881Kb / 7P
   Low Start-Up and Operating Current
logo
Gamma Microelectronics ...
GM384X GAMMA-GM384X Datasheet
476Kb / 8P
   Low Start-Up and Operating Current
logo
Guangdong Youtai Semico...
UC3842 UMW-UC3842 Datasheet
874Kb / 7P
   Low Start-Up and Operating Current
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
logo
Solid State Optronic
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com