Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5670H3-3 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5670H3-3
Description  3/4 Right Angle 2 High LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5670H3-3 Datasheet(HTML) 1 Page - Visual Communications Company

  5670H3-3 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
5670 Series T-1 3/4 Right Angle 2 High LED Assembly
Description and Features
Electro-Optical Characteristics and Ratings
585
563
608
650
3.0
3.0
3.0
3.0
60
60
60
60
5
5
5
5
35
35
35
35
10
10
10
10
Yellow/Yellow
Green/Green
Amber/Amber
Red/Red
(V)
Max.
(V)
Typ.
Continuous
Forward
Current Max.
(mA)
Rated
Current
(mA)
Reverse
Breakdown
Voltage Min.(V)
(nm)
Wavelength
Peak
Forward Voltage
Emitted
Color
Part Number
5670H1;1
5670H3;3
5670H5;5
5670H7;7
6.3
10.0
10.0
6.3
Typical
Intensity
(mcd)
Features:
• Dual block mounting allows 2 LEDs in same
board area.
• Single block mounting-height and spacing
alignment, saves assembly cost.
• Super Brite LEDs, high light output, diffused lens.
• Low current, only 2 mA needed.
• Built-in resistor chip operates off 5 volt supply
without external resistor.
• Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Alternate LEDs are also available in this package
as a standard variation.
Refer to “Mounting Hole Pattern 4.pdf”
635
583
565
635
7.5
2.7
2.2
2.2
5.0
1.9
1.8
1.8
5
5
5
5
15
7
7
7
10.0
2.0
2.0
2.0
1-5V
7LC
5LC
1LC
(V)
Max.
(V)
Typ.
Forward
Current Max.
(mA)
Rated
Current
(mA)
Reverse
Breakdown
Voltage Min.
(V)
(nm)
Wavelength
Peak
Forward Voltage
LED
Code
LED Color
Red
Green
Yellow
Red
Typical
Intensity
(mcd)
2.3
2.3
2.1
8.0
608
650
565
583
3.0
3.0
7.5
7.5
2.0
2.0
5.0
5.0
5
5
5
5
60
60
15
15
10.0
10.0
12.0
10.0
3
1
5-5V
3-5V
Amber
Green
Red
Amber
8.0
8.0
6.3
10
585
563
3.0
3.0
2.1
2.2
5
5
60
60
10.0
10.0
7
5
Green
Yellow
10
6.3
1.0
.09
1.0
1.0
Peak Forward
Current @
1ms-300pps (A)
All dimensions in inches.


Similar Part No. - 5670H3-3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5670H3 CML-5670H3 Datasheet
59Kb / 1P
   T-1 3/4 Right Angle 2 High LED Assembly
More results

Similar Description - 5670H3-3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5670 CML-5670 Datasheet
59Kb / 1P
   T-1 3/4 Right Angle 2 High LED Assembly
5300E1 CML-5300E1 Datasheet
21Kb / 1P
   T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
   T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G64XB IDEA-G64XB Datasheet
27Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
G63XB IDEA-G63XB Datasheet
35Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
G65XB IDEA-G65XB Datasheet
35Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
logo
Visual Communications C...
5306 VCC-5306 Datasheet
95Kb / 1P
   T-1 3/4 Right Angle LED Assembly
5307 VCC-5307 Datasheet
95Kb / 1P
   T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G626XB IDEA-G626XB Datasheet
26Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
G646XB IDEA-G646XB Datasheet
31Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com