Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBD20120VFCT Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # CBD20120VFCT
Description  Ultra low forward voltage drop, low power loss
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CBD20120VFCT Datasheet(HTML) 2 Page - Pan Jit International Inc.

  CBD20120VFCT Datasheet HTML 1Page - Pan Jit International Inc. CBD20120VFCT Datasheet HTML 2Page - Pan Jit International Inc. CBD20120VFCT Datasheet HTML 3Page - Pan Jit International Inc. CBD20120VFCT Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
April 9,2014-REV.01
CBD20120VFCT
0
2
4
6
8
10
12
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
0.0001
0.001
0.01
0.1
1
10
100
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
0.1
1
10
100
V
R, Reverse Bias Voltage (V)
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
V
F, Forward Voltage (V)
T
J = 150°C
T
J = 125°C
T
J = 25°C
T
J = 75°C
per diode
per diode
per diode
per diode


Similar Part No. - CBD20120VFCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CBD20120VCT PANJIT-CBD20120VCT Datasheet
98Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VCT_T0_00001 PANJIT-CBD20120VCT_T0_00001 Datasheet
98Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VCT_T0_10001 PANJIT-CBD20120VCT_T0_10001 Datasheet
98Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VDC PANJIT-CBD20120VDC Datasheet
67Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VDC_T0_00001 PANJIT-CBD20120VDC_T0_00001 Datasheet
67Kb / 4P
   Ultra low forward voltage drop, low power loss
More results

Similar Description - CBD20120VFCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CBD20200VDC PANJIT-CBD20200VDC Datasheet
98Kb / 5P
   Ultra Low forward voltage drop, low power loss
SBM3060VFCT PANJIT-SBM3060VFCT Datasheet
124Kb / 4P
   Ultra low forward voltage drop, low power loss
SDM1260VCS PANJIT-SDM1260VCS Datasheet
114Kb / 4P
   Ultra low forward voltage drop, low power loss
SVM1550V PANJIT-SVM1550V Datasheet
147Kb / 5P
   Ultra low forward voltage drop, low power loss
SVM1550VB PANJIT-SVM1550VB Datasheet
148Kb / 5P
   Ultra low forward voltage drop, low power loss
SDM1650LCS PANJIT-SDM1650LCS Datasheet
108Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20200VCT PANJIT-CBD20200VCT Datasheet
110Kb / 4P
   Ultra Low forward voltage drop, low power loss
SDM1060LCS PANJIT-SDM1060LCS Datasheet
135Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VCT PANJIT-CBD20120VCT Datasheet
98Kb / 4P
   Ultra low forward voltage drop, low power loss
SBT40100VFCT PANJIT-SBT40100VFCT Datasheet
164Kb / 4P
   Ultra low forward voltage drop, low power loss
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com