Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBD20120VCT_T0_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # CBD20120VCT_T0_10001
Description  Ultra low forward voltage drop, low power loss
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CBD20120VCT_T0_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  CBD20120VCT_T0_10001 Datasheet HTML 1Page - Pan Jit International Inc. CBD20120VCT_T0_10001 Datasheet HTML 2Page - Pan Jit International Inc. CBD20120VCT_T0_10001 Datasheet HTML 3Page - Pan Jit International Inc. CBD20120VCT_T0_10001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
April 9,2014-REV.02
CBD20120VCT
ULTRA LOW VF SCHOTTKY RECTIFIER
VOLTAGE
120 Volt
20 Ampere
FEATURES
• Ultra low forward voltage drop, low power loss
• High efficiency operation
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
Case : TO-220AB, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Weight : 0.0655 ounces, 1.859 grams.
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
NOTE: 1.Semi-infinite heatsink.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
120
V
Maximum rms voltage
VRMS
84
V
Maximum dc blocking voltage
VR
120
V
Maximum average forward rectified current
per device
per diode
I F(AV)
20
10
A
Peak forward surge current : 8.3ms single half
sine-wave superimposed on rated load
per diode
I FSM
200
A
Typical thermal resistance
( Not e 1)
RJC
2.5
O C/W
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage per diode
VBR
I R=0.5mA
120
-
-
V
Instantaneous forward voltage per
diode
VF
I F=3A
I F=5A
I F=10A
TJ=25oC
-
-
-
0.54
0.63
-
-
-
0.78
V
I F=3A
I F=5A
TJ=125oC
-
-
0.46
0.53
-
-
V
Reverse current per diode
I R
VR=96V
TJ=25oC-
5.5
-
A
VR=120V
TJ=25oC
TJ=125oC
-
-
-
15
50
-
A
mA


Similar Part No. - CBD20120VCT_T0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CBD20120VDC PANJIT-CBD20120VDC Datasheet
67Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VDC_T0_00001 PANJIT-CBD20120VDC_T0_00001 Datasheet
67Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VDC_T0_10001 PANJIT-CBD20120VDC_T0_10001 Datasheet
67Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VFCT PANJIT-CBD20120VFCT Datasheet
87Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VFCT_T0_00001 PANJIT-CBD20120VFCT_T0_00001 Datasheet
87Kb / 4P
   Ultra low forward voltage drop, low power loss
More results

Similar Description - CBD20120VCT_T0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CBD20120VFCT PANJIT-CBD20120VFCT Datasheet
87Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20200VDC PANJIT-CBD20200VDC Datasheet
98Kb / 5P
   Ultra Low forward voltage drop, low power loss
SBM3060VFCT PANJIT-SBM3060VFCT Datasheet
124Kb / 4P
   Ultra low forward voltage drop, low power loss
SDM1260VCS PANJIT-SDM1260VCS Datasheet
114Kb / 4P
   Ultra low forward voltage drop, low power loss
SVM1550V PANJIT-SVM1550V Datasheet
147Kb / 5P
   Ultra low forward voltage drop, low power loss
SVM1550VB PANJIT-SVM1550VB Datasheet
148Kb / 5P
   Ultra low forward voltage drop, low power loss
SDM1650LCS PANJIT-SDM1650LCS Datasheet
108Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20200VCT PANJIT-CBD20200VCT Datasheet
110Kb / 4P
   Ultra Low forward voltage drop, low power loss
SDM1060LCS PANJIT-SDM1060LCS Datasheet
135Kb / 4P
   Ultra low forward voltage drop, low power loss
SBT40100VFCT PANJIT-SBT40100VFCT Datasheet
164Kb / 4P
   Ultra low forward voltage drop, low power loss
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com