Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7022X5 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 7022X5
Description  SMT LEDs 1206 Package Size
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

7022X5 Datasheet(HTML) 1 Page - Visual Communications Company

  7022X5 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
7022X Series SMT LEDs 1206 Package Size
Description and Features
Electro-Optical Characteristics and Ratings
Surface Mount Technology
• Tape and reel packaged for high-speed autoinsertion.
• Convection and vapor-phase reflow compatible.
• Compact form enables high density placement.
• Packaged 2000 per reel.
Leading Edge LED Optoelectronic Performance
• Consistent high brightness.
Exceptional Reliability
• Stringent process controls assure quality.
• Extensive qualification testing to meet strictest requirements.
• Designed to permit easy post-reflow solder joint inspection.
• Refer to “Solder Pad Geometry 1.pdf”
All dimensions
in mm.
3.20
0.60
1.60
LE D C HIP
1.60
0.30
1.55
0.75
R 0.80
P LAS T IC
S UB S T R AT E
0.50
0.50
ANODE
C AT HODE
P OLAR IT Y MAR K
C AT HODE MAR K
-40 to +100
-40 to +100
-40 to +100
-40 to +100
-40 to +100
555
13.0
6.0
5
2.8
2.1
-40 to +85
4
60
70
C lear
G reen
7022X15
630
22.0
10.0
5
2.8
2.0
-40 to +85
4
60
70
C lear
R ed
7022X11
580
30.0
10.0
5
2.8
2.2
-40 to +85
4
60
70
C lear
Y ellow
7022X7
560
38.0
15.0
5
2.8
2.1
-40 to +85
4
60
70
C lear
G reen
7022X5
605
25.0
10.0
5
2.8
2.2
-40 to +85
4
60
70
C lear
Orange
7022X3
7022X1
Non-Diffused
P AR T NUMB E R
Output C olor
P ackage C olor
P ower Dissipation (mW)
P eak Forward C urrent Max. (mA)
R everse Voltage (V)
Operating temperature (
°C )
S torage T emperature (
°C )
Forward Voltage Typ. (IF=20mA)
Forward Voltage Max. (IF=20mA)
Luminous Intensity Min. (IF=20mA)
P eak Wavelength (IF =20mA)
Diffused/Non-Diffused
Lead S older Time @ 260
°C (seconds)
Luminous Intensity Typ. (IF=20mA)
R ed
C lear
57.5
60
4
-40 to +85
-40 to +100
1.7
2.3
5
25.0
52.0
660
Non-Diffused
Non-Diffused
Non-Diffused
Non-Diffused
Non-Diffused
R ated C urrent (mA)
20
20
20
20
20
20


Similar Part No. - 7022X5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7022X5 CML-7022X5 Datasheet
68Kb / 1P
   SMT LEDs 1206 Package Size
More results

Similar Description - 7022X5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD15-21 CML-CMD15-21 Datasheet
245Kb / 1P
   SMT LEDs 1206 Package Size
logo
Visual Communications C...
CMD11-21 VCC-CMD11-21 Datasheet
620Kb / 1P
   SMT LEDs 1206 Package Size
CMD15-21 VCC-CMD15-21 Datasheet
703Kb / 1P
   SMT LEDs 1206 Package Size
logo
Chicago Miniature Lamp,...
7022X CML-7022X Datasheet
68Kb / 1P
   SMT LEDs 1206 Package Size
7010X CML-7010X Datasheet
28Kb / 1P
   SMT LEDs 1206 Package Size
logo
Visual Communications C...
7010X VCC-7010X Datasheet
660Kb / 1P
   SMT LEDs 1206 Package Size
logo
Chicago Miniature Lamp,...
CMD11-21 CML-CMD11-21 Datasheet
68Kb / 1P
   1CMD11-21 SMT LEDs 1206 Package Size
CMD17-21 CML-CMD17-21 Datasheet
74Kb / 1P
   SMT LEDs 0805 Package Size
7016X CML-7016X Datasheet
78Kb / 2P
   SMT LEDs 1208 Package Size
logo
Visual Communications C...
CMD17-21 VCC-CMD17-21 Datasheet
626Kb / 1P
   SMT LEDs 0805 Package Size
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com