Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10A05_R2_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 10A05_R2_00001
Description  High surge current capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

10A05_R2_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  10A05_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. 10A05_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. 10A05_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. 10A05_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
January 7,2014-REV.00
10A05 SERIES
0
2
4
6
8
10
12
0
25
50
75
100
125
150
T
L, Lead Temperature (°C)
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
0.1
1
10
100
V
R, Reverse Bias Voltage (V)
Fig.3 Typical Forward Characteristics
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
V
F, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 75°C
TJ = 25°C
Fig.4 Typical Reverse Characteristics
0.01
0.1
1
10
100
200
400
600
800
1000
Rated Peak Reverse Voltage (V)
T
J = 150°C
T
J = 125°C
T
J = 75°C
T
J = 25°C


Similar Part No. - 10A05_R2_00001

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
10A05-10A10 HDSEMI-10A05-10A10 Datasheet
1Mb / 4P
   R-6 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
10A05-T DIODES-10A05-T Datasheet
67Kb / 3P
   10A RECTIFIER
DS28010 Rev. 4 - 2
logo
Won-Top Electronics
10A05-T3 WTE-10A05-T3 Datasheet
54Kb / 4P
   10A STANDARD DIODE
logo
Shenzhen Luguang Electr...
10A05C LUGUANG-10A05C Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
10A05F LUGUANG-10A05F Datasheet
161Kb / 2P
   Plastic Silicon Rectifiers
More results

Similar Description - 10A05_R2_00001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
   High Surge Current Capability
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
   High surge current capability
logo
Sangdest Microelectroni...
GBU6005G SMC-GBU6005G Datasheet
146Kb / 4P
   High surge current capability
logo
GeneSiC Semiconductor, ...
GBJ30J GENESIC-GBJ30J Datasheet
791Kb / 3P
   High surge current capability
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
   High surge current capability
logo
DIYI Electronic Technol...
GBPC50005W DYELEC-GBPC50005W Datasheet
2Mb / 2P
   High surge current capability
logo
International Rectifier
25F IRF-25F Datasheet
54Kb / 6P
   High surge current capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com