Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM04S0A0S12PFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DCM04S0A0S12PFA
Description  Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCM04S0A0S12PFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DCM04S0A0S12PFA_14 Datasheet HTML 4Page - Delta Electronics, Inc. DCM04S0A0S12PFA_14 Datasheet HTML 5Page - Delta Electronics, Inc. DCM04S0A0S12PFA_14 Datasheet HTML 6Page - Delta Electronics, Inc. DCM04S0A0S12PFA_14 Datasheet HTML 7Page - Delta Electronics, Inc. DCM04S0A0S12PFA_14 Datasheet HTML 8Page - Delta Electronics, Inc. DCM04S0A0S12PFA_14 Datasheet HTML 9Page - Delta Electronics, Inc. DCM04S0A0S12PFA_14 Datasheet HTML 10Page - Delta Electronics, Inc. DCM04S0A0S12PFA_14 Datasheet HTML 11Page - Delta Electronics, Inc. DCM04S0A0S12PFA_14 Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DS_ DCM04S0A0S12PFA_10022013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P8
FEATURES DESCRIPTIONS
Remote On/Off
The DCM series power modules have an On/Off pin for
remote On/Off operation. Both positive and negative
On/Off logic options are available in the DCM series
power modules.
For negative logic module, connect an open collector
(NPN) transistor or open drain (N channel) MOSFET
between the On/Off pin and the GND pin (see figure 28).
Negative logic On/Off signal turns the module ON during
the logic low and turns the module OFF during the logic
high. When the negative On/Off function is not used, tie
the pin to GND (module will be On).
For positive logic module, the On/Off pin is pulled high
with an external pull-up 5k
Ω resistor (see figure 29).
Positive logic On/Off signal turns the module ON during
logic high and turns the module OFF during logic low. If
the Positive On/Off function is not used, tie the pin to Vin.
(module will be On)
Vo
O n/O ff
V in
GND
Q1
RL
I
O N /O F F
Figure 28: Negaitive remote On/Off implementation
Vo
O n/O ff
V in
GND
Q1
RL
R pull-
up
I
O N /O FF
Figure 29: Positive remote On/Off implementation
Remote Sense
The DCM provide Vo remote sensing to achieve proper
regulation at the load points and reduce effects of
distribution losses on output line. In the event of an open
remote sense line, the module shall maintain local sense
regulation through an internal resistor. The module shall
correct for a total of 0.5V of loss. The remote sense line
impedance shall be < 10
.
Vo
Sense
Vin
GND
RL
Distribution Losses
Distribution Losses
Distribution
Losses
Distribution
Losses
Figure 30: Effective circuit configuration for remote sense
operation
Output Voltage Programming
The output voltage of the DCM can be programmed to
any voltage between 0.6Vdc and 3.3Vdc by connecting
one resistor (shown as Rtrim in Figure 31) between the
TRIM and GND pins of the module. Without this external
resistor, the output voltage of the module is 0.6 Vdc. To
calculate the value of the resistor Rtrim for a particular
output voltage Vo, please use the following equation:


k
Vo
Rtrim
6
.
0
2
.
1
For example, to program the output voltage of the DCM
module to 1.8Vdc, Rtrim is calculated as follows:


K
k
Rtrim
1
6
.
0
8
.
1
2
.
1
Vo
TRIM
GND
RLoad
Rtrim
Figure 31: Circuit configuration for programming output voltage
using an external resistor


Similar Part No. - DCM04S0A0S12PFA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
More results

Similar Description - DCM04S0A0S12PFA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA_14 Datasheet
1,022Kb / 21P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_14 Datasheet
687Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA_14 Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA_14 Datasheet
825Kb / 20P
   Delphi DCL, Non-Isolated Point of Load DC/DC Power Modules
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA_14 Datasheet
1,004Kb / 21P
   Delphi DCS, Non-Isolated Point of Load DC/DC Power Modules
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA_14 Datasheet
696Kb / 20P
   Delphi DCT, Non-Isolated Point of Load DC/DC Power Modules
DNL10S0A0S16NFD DELTA-DNL10S0A0S16NFD_14 Datasheet
745Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com