Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3344-45 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3344-45
Description  3M I/O Connector Mounting Options and Hardware
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3344-45 Datasheet(HTML) 1 Page - 3M Electronics

  3344-45 Datasheet HTML 1Page - 3M Electronics 3344-45 Datasheet HTML 2Page - 3M Electronics 3344-45 Datasheet HTML 3Page - 3M Electronics 3344-45 Datasheet HTML 4Page - 3M Electronics 3344-45 Datasheet HTML 5Page - 3M Electronics 3344-45 Datasheet HTML 6Page - 3M Electronics 3344-45 Datasheet HTML 7Page - 3M Electronics 3344-45 Datasheet HTML 8Page - 3M Electronics 3344-45 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MI/O Connector Mounting Options and Hardware
Hardware Guide
Date Modified: April 24, 2012
Mounting Hardware Applications - Table 1
Part Number
Type
Mini D
Ribbon (MDR)
Conn.’s
D Sub
Conn.’s
D Ribbon
Conn.’s
Shrunk D
Ribbon
(SDR) Conn.’s
Sheet #
RIA Code
3341-1L2
Jack Socket Screw
X
X
2 of 9
RIA E5 & C3 apply
3341-1S2
Jack Socket Screw
X
X
3341-2
Jack Socket Screw
X
3341-3
Jack Socket Screw
X
3341-42
Jack Socket Screw
X
X
3341-10
Jack Socket Screw
X
3 of 9
3341-13
Jack Socket Screw
X
3341-16
Jack Socket Screw
X
3341-17
Jack Socket Screw
X
3341-25
Jack Socket Screw
X
3341-30
Jack Socket Screw
X
4 of 9
3341-31
Jack Socket Screw
X
3341-32
Jack Socket Screw
X
3341-35
Jack Socket Screw
X
3341-36
Jack Socket Screw
X
3342-12
Jack Screw Kits
X
5 of 9
3342-22
Jack Screw Kits
X
3342-32
Jack Screw Kits
X
X
3342-42
Jack Screw Kits
X
X
3344-3
Board Lock Screw
X
6 of 9
3344-4
Board Lock Screw
X
3344-26
Panel Mount Screw
X
3344-38
Panel Mount Screw
X
3344-44
Panel Mount Screw
X
3344-45
Panel Mount Screw
X
3475-1
Bail Mount Kits
X
7 of 9
3475-4
Bail Mount Kits
X
3475-5
Bail Mount Kits
X
12600-S-08
Jack Socket Screw
X
8 of 9
12600-S-10
Jack Socket Screw
X
12600-S-12
Jack Socket Screw
X
3344-46
Board Lock Screw
X
Mounting hardware Guide
X
9 of 9
-See sheet 7 of 9 for D Ribbon & Plastic Connector accessories.-
Notes:
1. Use Table 1 as a guide for selecting the correct mounting hardware.
2. See sheet 9 of 9 for selection guide - 9 to 37 and 50 position D Sub connectors.
3. See Regulatory Information Appendix (RIA) for chemical compliance information.
TS-0142-J
Sheet 1 of 9


Similar Part No. - 3344-45

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3344-4 3M-3344-4 Datasheet
36Kb / 2P
   3M Mini D Ribbon (MDR) Connectors
3344-44 3M-3344-44 Datasheet
36Kb / 2P
   3M Mini D Ribbon (MDR) Connectors
More results

Similar Description - 3344-45

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-65P-3 BOURNS-H-65P-3 Datasheet
292Kb / 5P
   TRIMPOT짰 POTENTIOMETER PANEL MOUNTING OPTIONS AND HARDWARE
logo
Feature Integration Tec...
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F71869 FINTEK-F71869 Datasheet
3Mb / 116P
   Super I/O Hardware Monitor
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com