Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS1306T-101M-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDS1306T-101M-N
Description  SMD Shielded Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDS1306T-101M-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDS1306T-101M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SDS1306T-101M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SDS1306T-101M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SDS1306T-101M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SDS1306T-101M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Shielded Power Inductors - SDS Series
SDS Series
These shielded ultra-miniature inductors can help designers achieve
significantly longer battery life in handheld communication devices
and other portable products. They are designed with a flat top and
constructed of heat resistant materials to ensure trouble-free
assembly and reflow operations.
Features
Applications
 RoHS compliant
 Smallest size and high performance
 High energy storage and very low resistance
 Notebook computers, step-up and step-down converters
 Flash memory programmers, etc
Product Identification
 Packaging: T: Tape and Reel
Shape and Dimensions
Recommended Pattern
SDS0402
Dimensions in mm
TYPE
A
B
C
D
E
F
G
SDS0402
6.60
+0
4.45
+0
2.92
+0
1.02
3.05
1.27
4.32
Dimensions in mm
TYPE
A
B
C
D
SDS0402
1.4
4.06
6.86
3.56
SDS0804
Dimensions in mm
TYPE
A
B
C
D
E
F
SDS0804
12.95
+0
9.40
+0
5.08
+0
2.54
2.54
7.62
Dimensions in mm
TYPE
A
B
C
D
SDS0804
2.92
7.37
13.21
2.79
SDS1306
Dimensions in mm
TYPE
A
B
C
D
E
F
SDS1306
18.54
+0
15.24
+0
7.62
+0
2.54
2.54
12.7
Dimensions in mm
TYPE
A
B
C
D
SDS1306
2.92
12.45
18.29
2.79
D
A
F
3rd
2nd
1st
A
F
D
3rd
2nd
1st


Similar Part No. - SDS1306T-101M-N

ManufacturerPart #DatasheetDescription
logo
API Delevan
SDS130R API-SDS130R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R-103M API-SDS130R-103M Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R-104M API-SDS130R-104M Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R-123M API-SDS130R-123M Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R-124M API-SDS130R-124M Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
More results

Similar Description - SDS1306T-101M-N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com