Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL0402T-151M-N Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SSL0402T-151M-N
Description  SMD Unshielded Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL0402T-151M-N Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  SSL0402T-151M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL0402T-151M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL0402T-151M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL0402T-151M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SSL0402T-151M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers SSL0402T-151M-N Datasheet HTML 6Page - List of Unclassifed Manufacturers SSL0402T-151M-N Datasheet HTML 7Page - List of Unclassifed Manufacturers SSL0402T-151M-N Datasheet HTML 8Page - List of Unclassifed Manufacturers SSL0402T-151M-N Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SMD Unshielded Power Inductors - SSL Series
Packaging Specifications
Tape Dimensions
Tape Material
Reel Dimensions
Dimensions in mm
Tape Dimensions
Reel Dimensions
Quantity
(PCS / REEL)
TYPE
K0
D
E
W
P
P0
P2
A
B
C
D
178mm
330mm
330
100
13.4
-
2500
SSL0402
3.2
1.55
1.75
12
8
4
2
178
60
13
13.2
750
-
SSL 0614
1.8
1.5
1.75
16
12
4
2
330
100
13
17.4
-
2500
SSL 0802
3.75
1.55
1.75
24
16
4
2
330
100
13
24.4
-
1000
SSL 0804
5.4
1.55
1.75
24
16
4
2
330
100
13
24.4
-
750
SSL 0810
11.5
1.55
1.75
24
20
4
2
330
100
13
24.4
-
225
SSL 1306
7.5
1.55
1.75
32
20
4
2
330
100
13
33.4
-
350


Similar Part No. - SSL0402T-151M-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL0503HC-100M-N ETC2-SSL0503HC-100M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-150M-N ETC2-SSL0503HC-150M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-1R2M-N ETC2-SSL0503HC-1R2M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-220M-N ETC2-SSL0503HC-220M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-2R2M-N ETC2-SSL0503HC-2R2M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
More results

Similar Description - SSL0402T-151M-N

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com