Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3341-1S2 Datasheet(PDF) 9 Page - 3M Electronics

Part # 3341-1S2
Description  3M I/O Connector Mounting Options and Hardware
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3341-1S2 Datasheet(HTML) 9 Page - 3M Electronics

Back Button 3341-1S2 Datasheet HTML 2Page - 3M Electronics 3341-1S2 Datasheet HTML 3Page - 3M Electronics 3341-1S2 Datasheet HTML 4Page - 3M Electronics 3341-1S2 Datasheet HTML 5Page - 3M Electronics 3341-1S2 Datasheet HTML 6Page - 3M Electronics 3341-1S2 Datasheet HTML 7Page - 3M Electronics 3341-1S2 Datasheet HTML 8Page - 3M Electronics 3341-1S2 Datasheet HTML 9Page - 3M Electronics 3341-1S2 Datasheet HTML 10Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MI/O Connector Mounting Options and Hardware
TS-0142-J
Sheet 9 of 9
D Sub Connectors
Mounting Hardware Guide
Selection Guide - 9 to 37 Position D Sub Connectors
1. To mount a connector to a panel, select the correct Jack Socket Kit from table 1.
2. To secure a mating connector to a panel mounted connector, select the correct Jack Screw Kit from table 2.
3. To secure two connectors together in a mid-span application where no panel exists, select both the Jack Socket Kit and Jack Screw Kit from table 2.
Panel Mounted Connectors Jack Socket Kits
Panel
Thickness
Front Mount
Rear Mount
Kit
Spacers
Kit
Spacers
1/16
3341-1L
2
3341-1L
0
3/32
3341-1L
2
3341-1S
1
1/8
3341-4
2
3341-1S
0
Note: Spacers Placed Under Head of Jack Sockets
Junction
Shell
Connectors with Junction Shells
Jack Screw Kit
Spacers
Jack Socket Kit
-----
3342-1
-----
3341-1L
3485-2X00
3342-2
2
3341-4
3357-41XX
3342-2
2
3341-4
3357-51XX
3342-2
2
3341-4
3357-65XX
3342-x Supplied
-----
3341-4
3357-92XX
3342-x Supplied or 3341-7
3341-1L
Notes:
1. Jack Sockets used for MidSpan Applications.
2. Spacers Placed Under Head of Jack Screws.
Selection Guide - 50 Position D Sub Connectors See TS-0034 Socket and TS-0035 Plug.
Mounting Options Using 3357-9250 Junction Shell & 3505-62 Latch Bracket. See TS-0245.
Front Panel Mounted Connectors:
Connectors not designed for this application
Rear Panel Mounted Connectors:
1/16" Panel:1 Spacer Latch Bracket and Panel
3/32" Panel:No Spacers.
>3/32" Panel:Latch Bracket not designed for these applications.
Mid-Span Applications: Mount Latch Bracket directly to either the Plug or Socket Connector.


Similar Part No. - 3341-1S2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3341-10 3M-3341-10 Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-13 3M-3341-13 Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-16 3M-3341-16 Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-17 3M-3341-17 Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
More results

Similar Description - 3341-1S2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-65P-3 BOURNS-H-65P-3 Datasheet
292Kb / 5P
   TRIMPOT짰 POTENTIOMETER PANEL MOUNTING OPTIONS AND HARDWARE
logo
Feature Integration Tec...
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F71869 FINTEK-F71869 Datasheet
3Mb / 116P
   Super I/O Hardware Monitor
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com