Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPS4025-470M-N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SLPS4025-470M-N
Description  SMD Shielded Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLPS4025-470M-N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SLPS4025-470M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SLPS4025-470M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SLPS4025-470M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SLPS4025-470M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SLPS4025-470M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Shielded Power Inductors – SLPS Series
Standard Specifications
Part Number
Inductance
(
H)
Tolerance
(±%)
Test
Frequency
(KHz)
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
SLPS4018-1R0T-N
1.0
30
100
42
3.90
3.20
SLPS4018-1R8T-N
1.8
30
100
60
2.90
3.00
SLPS4018-2R2T-N
2.2
30
100
70
2.80
2.30
SLPS4018-3R3T-N
3.3
30
100
80
2.00
1.90
SLPS4018-4R7T-N
4.7
30
100
125
1.70
1.60
SLPS4018-100M-N
10
20
100
220
1.30
1.25
SLPS4018-150M-N
15
20
100
260
0.86
1.00
SLPS4018-220M-N
22
20
100
360
0.74
0.90
 Test Freq.(L): 100KHz , 1V
 Tolerance: M = ±20% , T = ±30%
 Isat: Inductance drop ≦ 30%
 Irms : current when the temperature rising △T:40℃ Typ.
 Rated DC Current: The less value whith is Isat or Irms
 Test Instrument: L: Agilent/HP 4284A + Agilent/HP 16334A
RDC: Digital Milliohm Meter Chroma 16502, or equivalent
Isat: HP4284+42841A
Irms: Agilent 6641 SYSTEM DC POWER SUPPLY
Inductance vs. Frequency Characteristics
1R0
3R3
4R7
100
150
220
0
5
10
15
20
25
30
35
40
0.001
0.01
0.1
1
10
100
1000
FREQUENCY(MHz)
Inductance vs. DC Current
1R0
4R7
100
220
150
3R3
0
4
8
12
16
20
24
28
0123
4567
DC Current (A)
Tem perature Change vs. DC Current
1R0
3R3
4R7
220
150
100
0
10
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
DC Current(A)


Similar Part No. - SLPS4025-470M-N

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
   submersible level probe
logo
Cornell Dubilier Electr...
SLP CDE-SLP Datasheet
369Kb / 9P
   Best for switching power supplies
logo
JST Mfg. Co., Ltd.
SLP-06V JST-SLP-06V Datasheet
177Kb / 3P
   SL CONNECTOR 3.96mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Richco, Inc.
SLP-1 RICHCO-SLP-1 Datasheet
19Kb / 1P
   SNAP LOCK PIN
logo
List of Unclassifed Man...
SLP-1-177-01 ETC2-SLP-1-177-01 Datasheet
184Kb / 1P
   Material Rivet Nylon 6/6, Mandrel Polycarbonate
More results

Similar Description - SLPS4025-470M-N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com