Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TFL
Description  SMD Thin Film Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TFL Datasheet HTML 1Page - List of Unclassifed Manufacturers TFL Datasheet HTML 2Page - List of Unclassifed Manufacturers TFL Datasheet HTML 3Page - List of Unclassifed Manufacturers TFL Datasheet HTML 4Page - List of Unclassifed Manufacturers TFL Datasheet HTML 5Page - List of Unclassifed Manufacturers TFL Datasheet HTML 6Page - List of Unclassifed Manufacturers TFL Datasheet HTML 7Page - List of Unclassifed Manufacturers TFL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SMD Thin Film Chip Inductors – TFL Series
Test Instruments:Agilent E4991A Material/Impedance Analyzer
TFL0603T-2N0C-S
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SER:6000MHz IDC>220mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-2N1C-S
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SER:6000MHz IDC>220mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-2N2C-S
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SER:6000MHz IDC>220mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-2N3C-S
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SER:6000MHz IDC>220mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-2N4C-S
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SER:6000MHz IDC>220mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-2N5C-S
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SER:6000MHz IDC>220mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-2N6C-S
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SER:6000MHz IDC>220mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-2N7C-S
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.23Ω SER:6000MHz IDC>220mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-2N9C-S
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.25Ω SER:6000MHz IDC>220mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-3N0C-S
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.3Ω SER:6000MHz IDC>220mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-3N1C-S
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.3Ω SER:6000MHz IDC>190mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-3N3C-S
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.3Ω SER:6000MHz IDC>190mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-3N5C-S
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.32Ω SER:6000MHz IDC>170mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-3N6C-S
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.32Ω SER:6000MHz IDC>170mA
0
10
20
30
40
50
60
70
80
90
100
TFL0603T-3N9C-S
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.4Ω SER:5700MHz IDC>170mA
0
10
20
30
40
50
60
70
80
90
100


Similar Part No. - TFL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFL0510 ETC-TFL0510 Datasheet
52Kb / 1P
   high-precision, thin-film chip inductors.
TFL0510 ETC2-TFL0510 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
TFL0510-E-12 ETC-TFL0510-E-12 Datasheet
52Kb / 1P
   high-precision, thin-film chip inductors.
TFL0510-E-24 ETC-TFL0510-E-24 Datasheet
52Kb / 1P
   high-precision, thin-film chip inductors.
TFL0816 ETC2-TFL0816 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
More results

Similar Description - TFL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402TF FRONTIER-0402TF Datasheet
277Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0201TF FRONTIER-0201TF Datasheet
293Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
0402TFN20 FRONTIER-0402TFN20_11 Datasheet
283Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TF FRONTIER-0402TF_15 Datasheet
291Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com