Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQC321618 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SQC321618
Description  SMD Wire Wound Ferrite Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SQC321618 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SQC321618 Datasheet HTML 1Page - List of Unclassifed Manufacturers SQC321618 Datasheet HTML 2Page - List of Unclassifed Manufacturers SQC321618 Datasheet HTML 3Page - List of Unclassifed Manufacturers SQC321618 Datasheet HTML 4Page - List of Unclassifed Manufacturers SQC321618 Datasheet HTML 5Page - List of Unclassifed Manufacturers SQC321618 Datasheet HTML 6Page - List of Unclassifed Manufacturers SQC321618 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMD Wire Wound Ferrite Chip Inductors – SQC Series
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
D.C. Resistance
(Ω±20%)
SRF
(MHz) Min
Rated current
(mA)
Irms
(mA)
SQC322517HP-R47□-N
0.47
30
1
0.030
100
3400
2550
SQC322517HP-1R0□-N
1.0
30
1
0.045
100
2300
2050
SQC322517HP-1R5□-N
1.5
30
1
0.057
70
1750
1750
SQC322517HP-2R2□-N
2.2
30
1
0.076
70
1550
1600
SQC322517HP-3R3□-N
3.3
30
1
0.120
50
1250
1200
SQC322517HP-4R7□-N
4.7
30
1
0.180
40
1000
1000
SQC322517HP-6R8□-N
6.8
30
1
0.240
40
850
850
SQC322517HP-100□-N
10
30
1
0.380
30
750
700
SQC322517HP-150□-N
15
30
1
0.700
25
550
500
SQC322517HP-220□-N
22
30
1
0.810
20
500
450
SQC322517HP-330□-N
33
30
1
1.050
14
360
320
SQC322517HP-470□-N
47
30
1
1.480
11
280
240
 When ordering, please specify tolerance and packaging codes
 Rated Current: Self temperature rise shall be limited to 40
Max. Inductance drop
30% typ.
 Tolerance : T = ±30%
 Operating temp: -40℃~125℃ (Including self - temperature rise )
 Soldering Heat: 260
10 seconds after 150
preheat cycle for 4 minu
℃℃
tes
 Test Equipment: L: HP4284A
SRF: HP4291A RF Impedance Analyzer
DCR: CH502BC
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
Test
Frequency
(MHz)
D.C. Resistance
(Ω±30%)
SRF
(MHz) Min
Rated current
(mA)
SQC322520T-1R0□-N
1.0
20
1
0.09
96
1000
SQC322520T-2R2□-N
2.2
20
1
0.13
64
600
SQC322520T4R7□-N
4.7
20
1
0.20
43
450
SQC322520T-100□-N
10
20
1
0.44
26
300
SQC322520T-220□-N
22
20 / 10
1
0.71
19
250
SQC322520T-470□-N
47
20 / 10
1
1.30
15
170
SQC322520T-101□-N
100
20 / 10
1
3.50
10
100
SQC322520T-221□-N
220
20 / 10
1
8.40
6.8
70
SQC322520T-331□-N
330
20 / 10
1
10.0
5.6
60
SQC322520T-391□-N
390
20 / 10
1
17.0
5.0
60
SQC322520T-471□-N
470
20 / 10
0.001
19.0
5.0
60
SQC322520T-561□-N
560
20 / 10
0.001
22.0
5.0
60
 When ordering, please specify tolerance and packaging codes
 Rated Current: Self temperature rise shall be limited to 35
Max. Inductance drop
10% typ.
 Tolerance : K = ±10% , M = ±20%
 Operating temp: -40℃~125℃ (Including self - temperature rise )
 Soldering Heat: 260
10 seconds after 150
preheat cycle for 4 minutes
℃℃
 Test Equipment: L: HP4192A. LF Impedance Analyzer
SRF: HP4291A RF Impedance Analyzer
DCR: CH502BC


Similar Part No. - SQC321618

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SQC32C SUNTSU-SQC32C Datasheet
711Kb / 4P
   Ceramic SMD Quick Turn 4 Pad CMOS Oscillator
SQC32C3A07 SUNTSU-SQC32C3A07 Datasheet
711Kb / 4P
   Ceramic SMD Quick Turn 4 Pad CMOS Oscillator
SQC32C3A071 SUNTSU-SQC32C3A071 Datasheet
711Kb / 4P
   Ceramic SMD Quick Turn 4 Pad CMOS Oscillator
SQC32C3A16 SUNTSU-SQC32C3A16 Datasheet
711Kb / 4P
   Ceramic SMD Quick Turn 4 Pad CMOS Oscillator
SQC32C3A161 SUNTSU-SQC32C3A161 Datasheet
711Kb / 4P
   Ceramic SMD Quick Turn 4 Pad CMOS Oscillator
More results

Similar Description - SQC321618

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F Datasheet
79Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
1008F FRONTIER-1008F Datasheet
214Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
1008F FRONTIER-1008F Datasheet
66Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
NLC ETC2-NLC Datasheet
237Kb / 4P
   SMD Wire Wound Ferrite Chip Inductors
SQV ETC2-SQV Datasheet
323Kb / 4P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
1210F-10N FRONTIER-1210F-10N Datasheet
108Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com