Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCD0503 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SCD0503
Description  SMD Unshielded Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCD0503 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SCD0503 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCD0503 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCD0503 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCD0503 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCD0503 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCD0503 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCD0503 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMD Shielded Power Inductors – SCD Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Q
Ref
Q
Frequency
(MHz)
SRF
(MHz) Typ.
DC Resistance
(mΩ) Typ.
Irms
(A) Max
Isat
(A) Typ.
SCD1307T-1R5□-N
1.5
20
20
7.96 / 0.1V
65
5.0
9.50
20.0
SCD1307T-2R2□-N
2.2
20
22
7.96 / 0.1V
50
6.0
9.00
18.0
SCD1307T-2R7□-N
2.7
20
24
7.96 / 0.1V
40
8.0
8.20
16.0
SCD1307T-3R3□-N
3.3
20
26
7.96 / 0.1V
38
8.7
7.50
15.0
SCD1307T-4R7□-N
4.7
20
25
7.96 / 0.1V
36
10
7.00
13.0
SCD1307T-5R6□-N
5.6
20
24
7.96 / 0.1V
28
15
6.50
11.0
SCD1307T-6R8□-N
6.8
20
24
7.96 / 0.1V
26
17
6.00
10.5
SCD1307T-8R2□-N
8.2
20
24
7.96 / 0.1V
24
19
5.80
9.8
SCD1307T-100□-N
10
20
22
2.52 / 0.1V
22
21
5.60
9.2
SCD1307T-120□-N
12
20
25
2.52 / 0.1V
20
30
4.80
8.0
SCD1307T-150□-N
15
20
28
2.52 / 0.1V
17
34
4.50
7.5
SCD1307T-180□-N
18
20
28
2.52 / 0.1V
16
36
4.20
7.0
SCD1307T-220□-N
22
20
40
2.52 / 0.1V
15
47
3.60
6.5
SCD1307T-270□-N
27
20
35
2.52 / 0.1V
11
60
3.30
5.5
SCD1307T-330□-N
33
20 / 10
35
2.52 / 0.1V
10
65
3.10
5.0
SCD1307T-390□-N
39
20 / 10
28
2.52 / 0.1V
9.0
75
2.90
4.6
SCD1307T-470□-N
47
20 / 10
24
2.52 / 0.1V
7.5
82
2.70
4.2
SCD1307T-560□-N
56
20 / 10
22
2.52 / 0.1V
7.2
95
2.50
3.8
SCD1307T-680□-N
68
20 / 10
24
2.52 / 0.1V
7.0
120
2.30
3.5
SCD1307T-820□-N
82
20 / 10
18
2.52 / 0.1V
6.0
140
2.10
3.2
SCD1307T-101□-N
100
20 / 10
25
0.796 / 0.1V
5.8
180
1.90
3.0
SCD1307T-121□-N
120
20 / 10
20
0.796 / 0.1V
5.5
210
1.80
2.8
SCD1307T-151□-N
150
20 / 10
20
0.796 / 0.1V
4.5
250
1.60
2.6
SCD1307T-181□-N
180
20 / 10
18
0.796 / 0.1V
4.0
280
1.50
2.3
SCD1307T-221□-N
220
20 / 10
15
0.796 / 0.1V
3.8
360
1.30
2.1
SCD1307T-271□-N
270
20 / 10
15
0.796 / 0.1V
3.5
410
1.20
1.8
SCD1307T-331□-N
330
20 / 10
15
0.796 / 0.1V
3.2
520
1.10
1.6
SCD1307T-391□-N
390
20 / 10
12
0.796 / 0.1V
2.5
600
1.00
1.5
SCD1307T-471□-N
470
20 / 10
12
0.796 / 0.1V
2.2
720
0.90
1.4
SCD1307T-561□-N
560
20 / 10
10
0.796 / 0.1V
2.0
880
0.85
1.3
SCD1307T-681□-N
680
20 / 10
10
0.796 / 0.1V
1.6
1000
0.80
1.2
SCD1307T-821□-N
820
20 / 10
10
0.796 / 0.1V
1.5
1300
0.75
1.1
SCD1307T-102□-N
1000
20 / 10
10
0.252 / 0.1V
1.4
1600
0.65
1.0
 When ordering, please specify tolerance and packaging codes.
 Inductance tested at 0.1 Vrms, 100KHz.
 Tolerance: K = ±10% , M = ±20%
 Inductance drop = 10%. Typ. at lsat
 T = 40℃ rise typ. at lrms
 Test Instrument: L / Q : Agilent/ E4980 or HP4284A (over 1MHz), HP4285A (under 1MHz)
SRF: HP4286A
RDC: CH502BC
Isat: HP4284+42841A or WK3260B+WK3265B


Similar Part No. - SCD0503

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
SCD050C48 FARADAY-SCD050C48 Datasheet
97Kb / 2P
   TCD WIDEBAND DELAY LINE MODULES
SCD050D70 FARADAY-SCD050D70 Datasheet
97Kb / 2P
   TCD WIDEBAND DELAY LINE MODULES
More results

Similar Description - SCD0503

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com