Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHSC04020-R47M-R8 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MHSC04020-R47M-R8
Description  Molding Power Choke
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHSC04020-R47M-R8 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MHSC04020-R47M-R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHSC04020-R47M-R8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHSC04020-R47M-R8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MHSC04020-R47M-R8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MHSC04020-R47M-R8 Datasheet HTML 5Page - List of Unclassifed Manufacturers MHSC04020-R47M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Molding Power Choke – MHSC Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHSC08036-R22M-R8
0.22
20
100
23
40
1.6
MHSC08036-R33M-R8
0.33
20
100
20
38
2.5
Irms DC current (A) that will cause an approximate ΔT of 40℃
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
0.1
0.2
0.3
0.4
0.5
0
1020
3040
50
DC Current (A)
R22
R33
Temperature Change v.s DC Current
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
DC Current (A)
R22
R33


Similar Part No. - MHSC04020-R47M-R8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MHS LITTELFUSE-MHS Datasheet
305Kb / 4P
   Multilayer High Speed Transient Voltage Surge Suppressor
logo
MERITEK ELECTRONICS COR...
MHS MERITEK-MHS Datasheet
323Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
logo
Copal Electronics
MHS COPAL-MHS Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
logo
Tyco Electronics
MHS MACOM-MHS Datasheet
649Kb / 15P
   Slide Switches, Low Profile, Instrumentation Grade
logo
Mean Well Enterprises C...
MHS012 MEANWELL-MHS012 Datasheet
57Kb / 1P
   Mounting Accessories
More results

Similar Description - MHSC04020-R47M-R8

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
   Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
VSEB0530H CODACA-VSEB0530H Datasheet
746Kb / 5P
   Molding Power Choke
07/14/2020
VSEB0730H CODACA-VSEB0730H Datasheet
752Kb / 5P
   Molding Power Choke
07/14/2020
CSAB107050 CODACA-CSAB107050 Datasheet
707Kb / 5P
   Molding Power Choke
07/14/2020
CSAB1265A CODACA-CSAB1265A Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
logo
List of Unclassifed Man...
MHCB ETC2-MHCB Datasheet
257Kb / 3P
   Molding Power Choke
MHCD ETC2-MHCD Datasheet
442Kb / 9P
   Molding Power Choke
logo
Shenzhen Codaca Electro...
CSAB0750 CODACA-CSAB0750 Datasheet
975Kb / 10P
   Molding Power Choke
07/14/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com