Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

204-2 Datasheet(PDF) 4 Page - CTS Corporation

Part # 204-2
Description  Optimized Mechanical Features
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

204-2 Datasheet(HTML) 4 Page - CTS Corporation

  204-2 Datasheet HTML 1Page - CTS Corporation 204-2 Datasheet HTML 2Page - CTS Corporation 204-2 Datasheet HTML 3Page - CTS Corporation 204-2 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
mm
DIMENSION:
inch
1.27
4.06
9.78±0.25
7.6
2.03
-0.30
9.12±0.35
10.40 +0
7.62
0.25±0.08
0.38
1.27±0.13
2.54
0.48±0.08
DATE CODE
-0.13
+0.38
TYP.
8.60
2.54
TYP.
11.04
1.13 TYP.
6.17
2.44
.243
.339
CTS
(Available in SPST and SPDT )
.080
.160
.385±.010
.05
.299
.050±.005
.019±.003
.100
.359±.014
.015
.010±.003
.300 -.005
+.015
+0
.096
.044
.100
.435
11
5
4
3
2
1
12
N
O
SURFACE MOUNT PAD LAYOUTS (ALL STYLES)
±.010
±0.25
"A"
Ordering Information
NUMBER OF THROWS
ACTUATOR HEIGHT
ACTUATION PRESET
BOTTOM EPOXY SEAL
1
2
204
1
E
S
T
N
1 – SINGLE THROW
2 – DOUBLE THROWS
BLANK – (FOR SPST)
NUMBER OF SWITCH POSITIONS
1 – 1 POSITION
2 – 2 POSITIONS
3 – 3 POSITIONS
4 – 4 POSITIONS
5 – 5 POSITIONS
6 – 6 POSITIONS
7 – 7 POSITIONS
8 – 8 POSITIONS
9 – 9 POSITIONS
10 – 10 POSITIONS
12 – 12 POSITIONS
Extended: SPST only
Low profile: SPST & SPDT only
TOP TAPE SEAL
N – SHIP AT "ON" POSITION
BLANK – SHIP AT "OFF" POSITION
S - EPOXY SEAL
NUMBER OF POLES
1 – SINGLE POLE
2 – DOUBLE POLES
3 – 3 POLES
4 – 4 POLES
BLANK – (FOR SPST)
R
R - TAPE & REEL PACKAGING
TAPE AND REEL
BLANK - ANTI-STATIC TUBE PACKAGING
BLANK - NO EPOXY SEAL
Low Profile Actuators
4 - 4
CTS Electrocomponents
www.ctscorp.com
TYP.
.410 -0.12
Not available on extended
actuator
BLANK–NO TOP TAPE SEAL
T –TOP TAPE SEAL
*
*
LP – LOW PROFILE(Flush)
E – EXTENDED(3.43mm/.135")
BLANK – STANDARD(0.89mm/.035")
**
**
©2013 CTS Corporation. All rights reserved. Information subject to change.
2/05/13


Similar Part No. - 204-2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
204-211ST CTS-204-211ST Datasheet
328Kb / 1P
   DIP Switches
204-212ST CTS-204-212ST Datasheet
328Kb / 1P
   DIP Switches
204-213ST CTS-204-213ST Datasheet
328Kb / 1P
   DIP Switches
204-214ST CTS-204-214ST Datasheet
328Kb / 1P
   DIP Switches
204-215ST CTS-204-215ST Datasheet
328Kb / 1P
   DIP Switches
More results

Similar Description - 204-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP034NE7N3G INFINEON-IPP034NE7N3G Datasheet
466Kb / 10P
   OptiMOSTM3 Power-Transistor Features Optimized technology for synchronous rectification
Rev. 2.01 2009-11-11
logo
JMK Inc.
MF-0637A-50BR JMK-MF-0637A-50BR Datasheet
36Kb / 1P
   This EMI / RFI filter features a very small mechanical package.
logo
Infineon Technologies A...
IPF135N03LG INFINEON-IPF135N03LG Datasheet
536Kb / 12P
   OptiMOS 3 Power-Transistor Features Optimized technology for DC/DC converters
Rev. 1.0 2006-10-23
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
   Features/Product Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
   FEATURES
logo
Recom International Pow...
R0.25D-0505 RECOM-R0.25D-0505 Datasheet
150Kb / 4P
   Features
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
   FEATURES
logo
Fairchild Semiconductor
SGH13N60UFD FAIRCHILD-SGH13N60UFD Datasheet
308Kb / 8P
   FEATURES
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com