Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL2731M Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # HCPL2731M
Description  Low current ??0.5mA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2731M Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button HCPL2731M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 9Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 10Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 11Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 12Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 13Page - Fairchild Semiconductor HCPL2731M Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
11
Ordering Information
Marking Information
Option
Example Part
Number
Description
No Suffix
6N138M
Standard Through Hole Device, 50 pcs per tube
S
6N138SM
Surface Mount Lead Bend
SD
6N138SDM
Surface Mount; Tape and reel
V
6N138VM
IEC60747-5-2 approval pending (VDE)
TV
6N138TVM
IEC60747-5-2 approval pending (VDE); 0.4” lead spacing
SV
6N138SVM
IEC60747-5-2 approval pending (VDE); surface mount
SDV
6N138SDVM
IEC60747-5-2 approval pending (VDE); surface mount; tape and reel
1
2
6
4
3
5
Note:
‘HCPL’ devices are marked only with the numerical characters (for example, HCPL2730 is
marked as ‘2730’).
The ‘M’ suffix on the part number is an order identifier only. It is used to identify orders for the
white package version. The ‘M’ does not appear on the device’s top mark.
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table) (pending approval)
4Two digit year code, e.g., ‘07’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
6N138
B
YY
XX
V


Similar Part No. - HCPL2731M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL2731M FAIRCHILD-HCPL2731M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
More results

Similar Description - HCPL2731M

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66252 MICROPAC-66252 Datasheet
68Kb / 2P
   Low input current requirement: 0.5mA
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Delta Electronics, Inc.
PJB-24V150WXXA DELTA-PJB-24V150WXXA Datasheet
1Mb / 14P
   Low Inrush Current / Low Leakage Current
logo
Siemens Semiconductor G...
BFP181 SIEMENS-BFP181 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
logo
Vishay Siliconix
VLMYG30H2K1 VISHAY-VLMYG30H2K1 Datasheet
199Kb / 7P
   Low Current SMD LED PLCC-2
Rev. 1.6, 07-Mar-18
logo
Shenzhen Luguang Electr...
BC860C LUGUANG-BC860C Datasheet
75Kb / 2P
   Low current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com