Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEI201210A-1R5M-Q8 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HEI201210A-1R5M-Q8
Description  Molding Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEI201210A-1R5M-Q8 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  HEI201210A-1R5M-Q8 Datasheet HTML 1Page - List of Unclassifed Manufacturers HEI201210A-1R5M-Q8 Datasheet HTML 2Page - List of Unclassifed Manufacturers HEI201210A-1R5M-Q8 Datasheet HTML 3Page - List of Unclassifed Manufacturers HEI201210A-1R5M-Q8 Datasheet HTML 4Page - List of Unclassifed Manufacturers HEI201210A-1R5M-Q8 Datasheet HTML 5Page - List of Unclassifed Manufacturers HEI201210A-1R5M-Q8 Datasheet HTML 6Page - List of Unclassifed Manufacturers HEI201210A-1R5M-Q8 Datasheet HTML 7Page - List of Unclassifed Manufacturers HEI201210A-1R5M-Q8 Datasheet HTML 8Page - List of Unclassifed Manufacturers HEI201210A-1R5M-Q8 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Molding Power Inductors – HEI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms(A)
Isat(A)
RDC(mΩ)
Part Number
(uH)
(±%)
(MHz)
Max(Typ)
Max(Typ)
Max(Typ)
HEI322510A-R24M-Q8
0.24
20
2
6.0(6.8)
9.0(11.5)
16(12)
HEI322510A-R33M-Q8
0.33
20
2
5.8(6.5)
8.0(9.5)
17(12.5)
HEI322510A-R47M-Q8
0.47
20
2
4.5(5.4)
6.0(7.3)
24(19)
HEI322510A-1R0M-Q8
1.0
20
2
3.3(3.7)
4.1(4.7)
46(39)
HEI322510A-1R5M-Q8
1.5
20
2
3.2(3.5)
3.5(4.0)
58(50)
HEI322510A-2R2M-Q8
2.2
20
2
2.5(2.8)
3.0(3.5)
85(73)
Irms DC current (A) that will cause an approximate ΔT of 40℃.
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M = ±20%
L : Agilent E4991/HP4287A+16197A, 2MHz 0.2V
Rdc : CHEN HWA502
Isat : Agilent E4980A+HP42841A
Irms : Agilent 6641 SYSTEM DC POWER SUPPLY
Operating temperature range from -40℃ to 125℃. (Including self - temperature rise)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance vs. DC Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
1
2
3
4
5
6
7
8
9
10
11
12
13
DC Current(A)
R24
R33
R47
1R0
1R5
2R2
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
01
23
456
78
9
10
DC Current(A)
R47
R33
R24
1R0
1R5
2R2


Similar Description - HEI201210A-1R5M-Q8

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LML0420AA LINKCOM-LML0420AA Datasheet
111Kb / 5P
   Molding power Inductors
logo
Pulse A Technitrol Comp...
BDQQ PULSE-BDQQ Datasheet
536Kb / 3P
   Molding Power Inductors
logo
Superworld Electronics
SDM129N SUPERWORLD-SDM129N Datasheet
260Kb / 6P
   MOLDING TYPE DIP INDUCTORS
logo
Shanghai Leiditech Elec...
LHCH252012A LEIDITECH-LHCH252012A Datasheet
790Kb / 6P
   This specification applies to Molding power inductors
logo
Superworld Electronics
SDM109N SUPERWORLD-SDM109N Datasheet
260Kb / 6P
   MOLDING TYPE DIP INDUCTORS
SDM119N SUPERWORLD-SDM119N Datasheet
291Kb / 7P
   MOLDING TYPE DIP INDUCTORS
logo
List of Unclassifed Man...
MHSC ETC2-MHSC Datasheet
335Kb / 6P
   Molding Power Choke
logo
Shenzhen Codaca Electro...
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
   Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com