Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR34 Datasheet(PDF) 1 Page - Formosa MS

Part # BR34
Description  SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BR34 Datasheet(HTML) 1 Page - Formosa MS

  BR34 Datasheet HTML 1Page - Formosa MS BR34 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=50 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 1.5A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
BR305
BR31
BR32
BR34
BR36
BR38
BR310 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
3.0
50
10
100
-65
+150
-65
+125
V
A
A
V
mA
mA
* Ideal for printed circuit board
* Low leakage current
* Low forward voltage
* Mounting: Hole thru for #6 screw
* Mounting position: Any
* Weight: 3.36 grams
BR305 THRU BR310
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
3.0 Ampere
BR-3
.750
(19.1)
.213(5.4)
.193(4.9)
.445(11.3)
.405(10.3)
.620(15.7)
.580(14.7)
.620(15.7)
.580(14.7)
HOLE FOR
NO. 6 SCREW
MIN.
.035(0.9) DIA.
.028(0.7) TYP.
+
AC
AC
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C


Similar Part No. - BR34

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR34 RECTRON-BR34 Datasheet
21Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BR34 PFS-BR34 Datasheet
231Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Bytes
BR34 BYTES-BR34 Datasheet
145Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Pan Jit International I...
BR34 PANJIT-BR34 Datasheet
104Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
BR34 DCCOM-BR34 Datasheet
406Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - BR34

ManufacturerPart #DatasheetDescription
logo
Bytes
BR305 BYTES-BR305 Datasheet
145Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBP301 DGNJDZ-KBP301 Datasheet
331Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
BR305 DGNJDZ-BR305 Datasheet
189Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
KBP3005 BYTESONIC-KBP3005 Datasheet
610Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR305-BR310 DGNJDZ-BR305-BR310 Datasheet
226Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
BR305 GWSEMI-BR305 Datasheet
62Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
BR305 UNIOHM-BR305 Datasheet
61Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
DB301GS DGNJDZ-DB301GS Datasheet
143Kb / 2P
   SINGLE PHASE 3.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MSB301 BYTESONIC-MSB301 Datasheet
1,013Kb / 3P
   SINGLE PHASE 3.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytes
BR805 BYTES-BR805 Datasheet
145Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com