Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK73H2B1206 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RK73H2B1206
Description  precision 0.5%, 1% tolerance thick film chip resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73H2B1206 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK73H2B1206 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73H2B1206 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/03/14
RK73H
precision 0.5%, 1% tolerance
thick film chip resistor
* Please contact KOA Speer for the Max. working voltage and the Max. overload voltage.
** Consult factory about Power Rating, the Max. Working Voltage and the Max. Overload Voltage
1 1F: 10~1MΩ: E-24. 1H: 1.0~9.1, 1M~10MΩ: E-24.
Absolute
Maximum
Working
Voltage
Resistance
Range
E-24, E-96
(F±1%)
Resistance
Range
E-24, E-96
(D±0.5%)
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
@ 70°C
T.C.R.
(ppm/°C)
Max.
applications and ratings
RK73H1H
(0201)
1/20W (.05W)
1/16W (.063W)
(0.1W)**
±200
±200
10Ω - 1MΩ
10Ω - 10MΩ
1
±400
1.0Ω - 9.1Ω
1
1.02MΩ - 10MΩ
10Ω - 1MΩ
25V
50V
-55°C to +125°C
-55°C to +155°C
50V
100V
150V
200V
400V
200V
(500V*)
400V
(500V*)
200V
RK73H2B
(1206)
RK73HW2H/2H
(2010)
RK73HW3A/3A
(2512)
RK73H2E
(1210)
RK73H1J
(0603)
1.02MΩ - 10MΩ
5.62MΩ - 10MΩ
5.62MΩ - 10MΩ
±100
10Ω - 1MΩ
10Ω - 1MΩ
±200
1.0Ω - 9.76Ω
RK73H2A
(0805)
1/8W (.125W)
1/4W (.25W)
3/4W (.75W)
1W
±100
10Ω - 1MΩ
10Ω - 1MΩ
10Ω - 1MΩ
10Ω - 1MΩ
±200
1.0Ω - 9.76Ω
10Ω - 1MΩ
10Ω - 1MΩ
10Ω - 1KΩ
10Ω - 1KΩ
1.0Ω - 9.76Ω
1.02MΩ - 5.6MΩ
1.0Ω - 9.76Ω
1.02MΩ - 5.6MΩ
1.02KΩ - 1MΩ
1.02KΩ - 1MΩ
1.02MΩ - 5.6MΩ
1.0Ω - 9.76Ω
±400
±100
±200
±400
±100
±200
±400
5.62MΩ - 10MΩ
10Ω - 1MΩ
10Ω - 1MΩ
1.0Ω - 9.76Ω
1.02MΩ - 5.6MΩ
±100
±200
±400
1/2W (.50W)
1/3W (.33W)
1/2W (.50W)
1/3W (.33W)
±200
±200
±400
±100
1/3W (.33W)
RK73H1E
(0402)
±100
1.0Ω - 9.76Ω
1/10W (.10W)
1.02MΩ - 10MΩ
RK73H1F
(01005)
1/32W (.03W)
±200
100kΩ - 1MΩ
1
±250
100Ω - 91kΩ
1
15V
30V
±300
10Ω - 91Ω
1
10Ω - 1MΩ
5.62MΩ - 10MΩ
Performance Characteristics
Parameter
Requirement ∆ R (%+0.1Ω)
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+125°C
Within specified tolerance
Within specified T.C.R.
Overload (Short time)
Rated Voltage x 2.5 for 5 seconds
(2B: Rated Voltage x 2 for 5 seconds)
±2%
±1%: 1F
±0.5% Another
Resistance to Soldering Heat
260°C ± 5°C, 10 seconds ± 1 second
±1%: 1F ~ W3A
(10Ω≤R≤1MΩ); ±3%: 1H ~
W3A (R<10Ω, R>1MΩ)
±0.5%: 1F ~ W3A
(10Ω<R<1MΩ); ±1%: 1H ~
W3A (R<10Ω, R>1MΩ)
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 100 cycles
±1%: 1F
±0.5% Another
±0.5%: 1F
±0.3% Another
Moisture Resistance
40°C ± 2°C, 90%-95% RH, 1000 hours, 1.5 hr ON,
0.5 hr OFF cycle
±2%: 1J, 2A, 2B
±3%: Another
±0.75%: 1J, 2A, 2B;
±1.5%:1F, ±1%: Another
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%: 1J, 2A, 2B
±3%: Another
±0.75%: 1J, 2A, 2B
±1%: Another
High Temperature Exposure
+125°C, 1000 hours: 1F
+155°C, 1000 hours: 1E, 1H, 1J, 2A, 2B, 2E, W2H, W3A
±1%
±0.5%: 1F
±0.3%: Another
environmental applications


Similar Part No. - RK73H2B1206

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H2B1206 KOA-RK73H2B1206 Datasheet
248Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2B1206 KOA-RK73H2B1206 Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2B1206 KOA-RK73H2B1206 Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2B1206 KOA-RK73H2B1206 Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
More results

Similar Description - RK73H2B1206

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
RK73H2BTTD1003F KOA-RK73H2BTTD1003F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1200F KOA-RK73H1ETTP1200F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2BTTD3323F KOA-RK73H2BTTD3323F Datasheet
248Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73G1HT KOA-RK73G1HT Datasheet
87Kb / 2P
   thick film 0.5%,1%tolerance, 50ppm/째C chip resistor
logo
List of Unclassifed Man...
RR1220P-331-D ETC2-RR1220P-331-D Datasheet
112Kb / 4P
   Precision 0.1% and 0.5%, tolerance Thin Film Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com