Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT649TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FZT649TC
Description  25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT649TC Datasheet(HTML) 1 Page - Diodes Incorporated

  FZT649TC Datasheet HTML 1Page - Diodes Incorporated FZT649TC Datasheet HTML 2Page - Diodes Incorporated FZT649TC Datasheet HTML 3Page - Diodes Incorporated FZT649TC Datasheet HTML 4Page - Diodes Incorporated FZT649TC Datasheet HTML 5Page - Diodes Incorporated FZT649TC Datasheet HTML 6Page - Diodes Incorporated FZT649TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FZT649
Document Number DS33148 Rev. 5 - 2
1 of 7
www.diodes.com
March 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FZT649
25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Features
BVCEO > 25V
IC = 3A High Continuous Current
ICM = 8A Peak Pulse Current
Low Saturation Voltage VCE(sat) < 300mV @ 1A
Complementary PNP Type: FZT749
Lead-Free Finish; RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded Plastic. “Green” Molding Compound
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FZT649TA
AEC-Q101
FZT649
7
12
1,000
FZT649TC
AEC-Q101
FZT649
13
12
4,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
FZT649 = Product Type Marking Code
SOT223
Top View
Device Symbol
Top View
Pin-Out
 
Green
FZT
649


Similar Part No. - FZT649TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT649 ZETEX-FZT649 Datasheet
91Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Fairchild Semiconductor
FZT649 FAIRCHILD-FZT649 Datasheet
28Kb / 3P
   NPN Low Saturation Transistor
logo
Guangdong Kexin Industr...
FZT649 KEXIN-FZT649 Datasheet
38Kb / 2P
   NPN Silicon Planar High Performance Transistor
logo
Diodes Incorporated
FZT649 DIODES-FZT649 Datasheet
103Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
ON Semiconductor
FZT649 ONSEMI-FZT649 Datasheet
143Kb / 5P
   NPN Low Saturation Transistor
July 1998 revB
More results

Similar Description - FZT649TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT649 DIODES-FZT649_15 Datasheet
500Kb / 7P
   25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT749 DIODES-FZT749_15 Datasheet
644Kb / 7P
   25V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT869 DIODES-FZT869_15 Datasheet
663Kb / 7P
   25V NPN HIGH CURRENT TRANSISTOR IN SOT223
ZX5T869G DIODES-ZX5T869G Datasheet
132Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2005G ZETEX-ZXTN2005G Datasheet
127Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2005G DIODES-ZXTN2005G Datasheet
141Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T869G ZETEX-ZX5T869G Datasheet
127Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2005G DIODES-ZXTN2005G_15 Datasheet
476Kb / 7P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
FZT651 DIODES-FZT651_15 Datasheet
501Kb / 7P
   60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT651Q DIODES-FZT651Q Datasheet
526Kb / 7P
   60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com