Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT649 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FZT649
Description  25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT649 Datasheet(HTML) 4 Page - Diodes Incorporated

  FZT649 Datasheet HTML 1Page - Diodes Incorporated FZT649 Datasheet HTML 2Page - Diodes Incorporated FZT649 Datasheet HTML 3Page - Diodes Incorporated FZT649 Datasheet HTML 4Page - Diodes Incorporated FZT649 Datasheet HTML 5Page - Diodes Incorporated FZT649 Datasheet HTML 6Page - Diodes Incorporated FZT649 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT649
Document Number DS33148 Rev. 5 - 2
4 of 7
www.diodes.com
March 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FZT649
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
35
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
25
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
V
IE = 100µA
Collector Cut-Off Current
ICBO


0.1
µA
VCB = 30V


10
VCB = 30V, TA = +100°C
Emitter Cut-Off Current
IEBO
100
nA
VEB = 4V
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
0.12
0.3
V
IC = 1A, IB = 100mA

0.40
0.6
IC = 3A, IB = 300mA
Base-Emitter Saturation Voltage (Note 9)
VBE(sat)
0.9
1.25
V
IC = 1A, IB = 100mA
Base-Emitter Turn-On Voltage (Note 9)
VBE(on)
0.8
1.0
V
IC = 1A, VCE = 2V
DC Current Gain (Note 9)
hFE
70
200
IC = 50mA, VCE = 2V
100
200
300
IC = 1A, VCE = 2V
75
150

IC = 2A, VCE = 2V
15
50

IC = 6A, VCE = 2V
Current Gain-Bandwidth Product
fT
150
240
MHz
VCE = 5V, IC = 100mA,
f = 100MHz
Switching Times
ton

55
ns
IC = 500mA, VCC = 10V,
IB1 = -IB2 = 50mA
toff

300
-
Output Capacitance
Cobo
25
50
pF
VCB = 10V, f = 1MHz
Note:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%


Similar Part No. - FZT649

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT649 ZETEX-FZT649 Datasheet
91Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Fairchild Semiconductor
FZT649 FAIRCHILD-FZT649 Datasheet
28Kb / 3P
   NPN Low Saturation Transistor
logo
Guangdong Kexin Industr...
FZT649 KEXIN-FZT649 Datasheet
38Kb / 2P
   NPN Silicon Planar High Performance Transistor
logo
Diodes Incorporated
FZT649 DIODES-FZT649 Datasheet
103Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
ON Semiconductor
FZT649 ONSEMI-FZT649 Datasheet
143Kb / 5P
   NPN Low Saturation Transistor
July 1998 revB
More results

Similar Description - FZT649

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT649 DIODES-FZT649_15 Datasheet
500Kb / 7P
   25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT749 DIODES-FZT749_15 Datasheet
644Kb / 7P
   25V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT869 DIODES-FZT869_15 Datasheet
663Kb / 7P
   25V NPN HIGH CURRENT TRANSISTOR IN SOT223
ZX5T869G DIODES-ZX5T869G Datasheet
132Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2005G ZETEX-ZXTN2005G Datasheet
127Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2005G DIODES-ZXTN2005G Datasheet
141Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T869G ZETEX-ZX5T869G Datasheet
127Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2005G DIODES-ZXTN2005G_15 Datasheet
476Kb / 7P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
FZT651 DIODES-FZT651_15 Datasheet
501Kb / 7P
   60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
FZT651Q DIODES-FZT651Q Datasheet
526Kb / 7P
   60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com