Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB8N60CTM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQB8N60CTM
Description  N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB8N60CTM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQB8N60CTM Datasheet HTML 1Page - Fairchild Semiconductor FQB8N60CTM Datasheet HTML 2Page - Fairchild Semiconductor FQB8N60CTM Datasheet HTML 3Page - Fairchild Semiconductor FQB8N60CTM Datasheet HTML 4Page - Fairchild Semiconductor FQB8N60CTM Datasheet HTML 5Page - Fairchild Semiconductor FQB8N60CTM Datasheet HTML 6Page - Fairchild Semiconductor FQB8N60CTM Datasheet HTML 7Page - Fairchild Semiconductor FQB8N60CTM Datasheet HTML 8Page - Fairchild Semiconductor FQB8N60CTM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 2013
Thermal Characteristics
FQB8N60C / FQI8N60C
N-Channel QFET® MOSFET
600 V, 7.5 A, 1.2 Ω
Description
©2003 Fairchild Semiconductor Corporation
FQB8N60C / FQI8N60C Rev. C1
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, active power
factor correction (PFC), and electronic lamp ballasts.
Features
• 7.5 A, 600 V, RDS(on) = 1.2 Ω (Max.) @ VGS = 10 V,
ID = 3.75 A
• Low Gate Charge (Typ. 28 nC)
• Low Crss (Typ. 12 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Symbol
Parameter
FQB8N60CTM /
FQI8N60CTU
Unit
RJC
Thermal Resistance, Junction to Case, Max.
0.85
oC/W
RJA
Thermal Resistance, Junction to Ambient (Minimum Pad of 2-oz Copper), Max.
62.5
Thermal Resistance, Junction to Ambient (*1 in2 Pad of 2-oz Copper), Max.
40
GD
S
I2-PAK
G
S
D
D2-PAK
G
S
D
Symbol
Parameter
FQB8N60CTM / FQI8N60CTU
Unit
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
7.5
A
- Continuous (TC = 100°C)
4.6
A
IDM
Drain Current
- Pulsed
(Note 1)
30
A
VGSS
Gate-Source Voltage
±
30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
230
mJ
IAR
Avalanche Current
(Note 1)
7.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
14.7
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TA = 25°C)*
3.13
W
Power Dissipation (TC = 25°C)
147
W
- Derate above 25°C
1.18
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering,
1/8" from Case for 5 Seconds.
300
°C
• RoHS Compliant


Similar Part No. - FQB8N60CTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB8N60C FAIRCHILD-FQB8N60C Datasheet
644Kb / 9P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQB8N60C ISC-FQB8N60C Datasheet
294Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQB8N60CF FAIRCHILD-FQB8N60CF Datasheet
708Kb / 8P
   600V N-Channel MOSFET
FQB8N60CFTM FAIRCHILD-FQB8N60CFTM Datasheet
708Kb / 8P
   600V N-Channel MOSFET
More results

Similar Description - FQB8N60CTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF8N60CT FAIRCHILD-FQPF8N60CT Datasheet
829Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQU1N60CTU FAIRCHILD-FQU1N60CTU Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com