Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJPF5027RTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJPF5027RTU
Description  High Voltage and High Reliability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJPF5027RTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJPF5027RTU Datasheet HTML 1Page - Fairchild Semiconductor FJPF5027RTU Datasheet HTML 2Page - Fairchild Semiconductor FJPF5027RTU Datasheet HTML 3Page - Fairchild Semiconductor FJPF5027RTU Datasheet HTML 4Page - Fairchild Semiconductor FJPF5027RTU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, December 2003
NPN Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
1100
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current (DC)
3
A
ICP
Collector Current (Pulse)
10
A
IB
Base Current
1.5
A
PC
Collector Dissipation ( TC=25°C)
40
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 1mA, IE = 0
1100
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 5mA, IB = 0
800
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
7
V
VCEX(sus)
Collector-Emitter Sustaining Voltage
IC = 1.5A, IB1 = -IB2 = 0.3A
L = 2mH, Clamped
800
V
ICBO
Collector Cut-off Current
VCB = 800V, IE = 0
10
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
10
µA
hFE1
hFE2
DC Current Gain
VCE = 5V, IC = 0.2A
VCE = 5V, IC = 1A
10
8
40
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1.5A, IB = 0.3A
2
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1.5A, IB = 0.3A
1.5
V
Cob
Output Capacitance
VCB = 10V, IE = 0, f = 1MHz
60
pF
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.2A
15
MHz
tON
Turn On Time
VCC = 400V
IC = 5IB1 = -2.5IB2 = 2A
RL = 200Ω
0.5
µs
tSTG
Storage Time
3
µs
tF
Fall Time
0.3
µs
Classification
N
R
O
hFE1
10 ~ 20
15 ~ 30
20 ~ 40
FJPF5027
High Voltage and High Reliability
• High Speed Switching
•Wide SOA
1
1.Base
2.Collector
3.Emitter
TO-220F


Similar Part No. - FJPF5027RTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF5027 FAIRCHILD-FJPF5027 Datasheet
63Kb / 5P
   High Voltage and High Reliability
FJPF5027 FAIRCHILD-FJPF5027 Datasheet
69Kb / 5P
   High Voltage and High Reliability
logo
ON Semiconductor
FJPF5027 ONSEMI-FJPF5027 Datasheet
199Kb / 6P
   High Voltage and High Reliability
Rev. A, December 2003
logo
Fairchild Semiconductor
FJPF5027OTU FAIRCHILD-FJPF5027OTU Datasheet
69Kb / 5P
   High Voltage and High Reliability
More results

Similar Description - FJPF5027RTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
   High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
   High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
   High Voltage and High Reliability
KSC5367F FAIRCHILD-KSC5367F Datasheet
62Kb / 6P
   High Voltage and High Reliability
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
   High Voltage and High Reliability
FJP5027 FAIRCHILD-FJP5027 Datasheet
59Kb / 5P
   High Voltage and High Reliability
logo
Unisonic Technologies
2SC5027 UTC-2SC5027_10 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY
logo
Fairchild Semiconductor
FFPF05U60STTU FAIRCHILD-FFPF05U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
FFPF30U60STTU FAIRCHILD-FFPF30U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
logo
SemiHow Co.,Ltd.
KSH5027AF SEMIHOW-KSH5027AF Datasheet
337Kb / 5P
   High Voltage and High Reliability
logo
Tiger Electronic Co.,Lt...
KSC5027 TGS-KSC5027 Datasheet
158Kb / 1P
   High Voltage and High Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com