Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4304H3 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 4304H3
Description  Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

4304H3 Datasheet(HTML) 1 Page - Visual Communications Company

  4304H3 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
4304H Series Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
Description and Features
Electro-Optical Characteristics and Ratings
T-1 3/4 Super Brite LEDs
• High-intensity light output.
• Wide viewing angle.
.331/.354
.039
Ø.189/.205
S Q.T Y P .
.020
.098
Ø.224/.248
MIN.
.945
MAX.
.039
MIN.
.059/.138
ANODE
All dimensions
in inches.
6.3
10
20
5
60
65
585
45
2.5
3.0
2.1
10
Y ellow
Y ellow
4304H7
5
75
75
563
20
3.0
3.0
2.1
10
G reen
G reen
4304H5
5
135
60
608
4
4.0
3.0
2.2
10
Amber
Amber
4304H3
4304H1
Diffused
P AR T NUMB E R
Output C olor
P ackage C olor
Test C urrent (mA)
Forward Voltage Typ. (V)
F orward Voltage Max. (V)
Luminous Intensity Min. (mcd)
Luminous Intensity T yp. (mcd)
P eak Wavelength (nm)
Diffusion
Viewing Angle 20 1/2 (degrees)
R ed
R ed
10
2.0
3.0
3.0
6.3
45
650
65
60
5
Diffused
Diffused
Diffused
C apacitance @ V=0 (pF )
P ower Dissipation (mW)
R everse B reakdown Voltage Min. (V)


Similar Part No. - 4304H3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4304H3 CML-4304H3 Datasheet
25Kb / 1P
   4304H Series Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
More results

Similar Description - 4304H3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4304H CML-4304H Datasheet
25Kb / 1P
   4304H Series Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
4305H CML-4305H Datasheet
63Kb / 1P
   Solid State LED Lamps-Ultra Brite 120 mcd T-1 3/4 (5mm)
logo
Visual Communications C...
4308H VCC-4308H Datasheet
55Kb / 1P
   Solid State LED Lamps-Ultra Brite 240 mcd (red) T-1 3/4 (5mm)
logo
Chicago Miniature Lamp,...
4308H CML-4308H Datasheet
24Kb / 1P
   Solid State LED Lamps-Ultra Brite 240 mcd (red) T-1 3/4 (5mm)
logo
Visual Communications C...
4305H VCC-4305H Datasheet
74Kb / 1P
   LED Lamps-Ultra Brite 120 mcd T-1 3/4 (5mm)
4304S VCC-4304S Datasheet
69Kb / 1P
   Solid State LED Lamps-High Brite Low Profile T-1 3/4 (5mm)
4303F VCC-4303F Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Chicago Miniature Lamp,...
4318F1 CML-4318F1 Datasheet
26Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
4301H1 CML-4301H1 Datasheet
65Kb / 1P
   Solid State LED Lamps-High Brite Bi-Color T-1 3/4 (5mm)
logo
Visual Communications C...
4318 VCC-4318 Datasheet
77Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com