Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4006 Datasheet(PDF) 2 Page - Formosa MS

Part # 1N4006
Description  1.0 AMP SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N4006 Datasheet(HTML) 2 Page - Formosa MS

  1N4006 Datasheet HTML 1Page - Formosa MS 1N4006 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0123456
247944



 
!
"#$% $&'()*+
",&$($- %./0)11(
%
21345!

"6&#-!!$'2!
"%5!&!46$&&!,!
"7&42, & 8994
"
:42;4<1=>7
6
51
641
)*
+
)&!$&
!$&
!&
!'2$!@ &


&

$A
+8
@
1B8
A
%.
C8
+8
@
1B8
A
%.
C8
8
1B@
B8
1A
8
+DD@
8
1A
8
9@
8
A
8
13@
8
EA
8
+E@
18
EA
8
3@
18
A
).
,8
).
,8
FGH
IJLMINMNOMPMQIJRSQTUVMWMXY
H
Z
H
MQV
[=\]=^40_
`abcc`defg`abcch
[14>\1^
,&


 i&
'$

25422
$&
4!8
j&
42'5!' -&

&

8
j&
42$54' -&

&

8
/&

&
'!5--'
&
!4'2&
k
5!'
&
!8

 
$ !i&
! !
$
!$
%.
/0)+Bl
113
"mnoopqstuspvwpxyz{|uy}~{vto€{{y€z|‚{qƒ„…†‡‡„tuƒ
"
"
"
"
"
)'5 !.
)
.
$$5)

ˆi&
$)
 ˆi&
$&
!
648
cŠŠ‹6
47
Œ151\47:>\=^1
f126
Ž6
1\^c‘`ccc‘
’14919
“+ˆ 
&

&
i ”i$i

4
“1ˆ%/i

4
“9#!
&
!55$i$i

4
“%& 5 
•i

4–.—+8
,
˜
6,ˆ,% 0 ˆ
#*C).
0.
*C/
˜•'
&

&
'5!
˜•$54'5!
ˆi$'5!
02 $&
$
!'
)&
k
5!'
&
!' '&

!'
/˜&
48
1
38
9 $$&
!4
2
$&
!•i$5 & $!


@™ ) # 
2A
/ - %.
C8 0š68 %,›8 C.
0
.
*
.
˜/%
.
ˆ
#
™
,
,
œ,
*#l
7
˜
+8

9
B8

B
*
 — 
0 — 1B#
ˆ
ˆˆ%
™
*
 — 
0 — +#
ˆ
ˆˆ%
™
™5!'
&
!
 -&
!
+B
B
ˆ
™,
+C+
+C1
+C9
9B
E
+
B
+
1
/š%ž*/

ˆˆ%
@A

ˆ%/

ˆ
@A
@A
“+
“1
“9

˜
@A
“
+C
+CB
13
1

D
+8

BB
Ÿ+1B
+CD
+CE
3
+
BD
E
B
+
1

D
3
+
/
4
 
5

—+%j ! 
&
)#i$i

4
0
/0¡
*#
Ÿ+EB
DB
*
@#A
* 
&
!4

 
5
0(
™
2


l
l
•••8

 $ $8
' l
0 
33D111DDDD+
˜,›
33D111DD++
)/111+++
13l
1l
+
1+l
9l
+
#
D
04‹6
]>] \46
5<^459¢7
12\6
247£34\421\6
^6
2^@,00—1B
,
# 5!
$$
2•&
$!
A
深圳FMS
Kinter
131
6803
0058


Similar Part No. - 1N4006

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4006 PANJIT-1N4006 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Bytesonic Electronics C...
1N4006 BYTESONIC-1N4006 Datasheet
264Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4006 PANJIT-1N4006 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Semikron International
1N4006 SEMIKRON-1N4006 Datasheet
128Kb / 2P
   Standard silicon rectifier diodes
logo
Shanghai Shunye Electro...
1N4006 SHUNYE-1N4006 Datasheet
312Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 1N4006

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_1 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Bytes
1A1 BYTES-1A1 Datasheet
150Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_10 Datasheet
519Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Nanjing International G...
EM513 DGNJDZ-EM513 Datasheet
236Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Bytes
BY127M BYTES-BY127M Datasheet
151Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
List of Unclassifed Man...
204-1N400X ETC2-204-1N400X Datasheet
64Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
EM516 DGNJDZ-EM516 Datasheet
236Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1A1 SECOS-1A1_15 Datasheet
744Kb / 2P
   1.0 AMP Silicon Rectifiers
logo
UNIOHM CORPORATION
1N4001 UNIOHM-1N4001 Datasheet
65Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Daya Electric Group Co....
1N4001 DAYA-1N4001 Datasheet
264Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Nanjing International G...
1N4001S DGNJDZ-1N4001S Datasheet
273Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com