Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMF21T-670M-N2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CMF21T-670M-N2
Description  SMD Multilayer Common Mode Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMF21T-670M-N2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CMF21T-670M-N2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMF21T-670M-N2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMF21T-670M-N2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMF21T-670M-N2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Multilayer Common Mode Filter - CMF Series
Packaging Specifications
Tape Dimensions
Reel Dimensions
Dimensions in mm
Tape Dimensions
Reel Dimensions
Quantity
TYPE
A
B
T
W
P
F
K
A
B
C
D
PCS / Reel
CMF11
1.15
1.50
0.25
8
4
3.5
0.72
178
60
12
1.5
4000
CMF21
1.45
2.30
0.22
8
4
3.5
1.13
178
60
12
1.5
3000
4.0 ± 0.1
T
2.0 ± 0.05
W
F
1.75 ± 0.1
K
P
A
Trailer End
Blank part(160mm min.)
Leader End
Blank Compartments with Cover Tape and Leader (330mm min.)
B
1.5 +0.1/-0.05


Similar Part No. - CMF21T-670M-N2

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMF211 APITECH-CMF211 Datasheet
108Kb / 1P
   JCDMA Receive Filter
More results

Similar Description - CMF21T-670M-N2

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CMF0906-472 ALLIED-CMF0906-472 Datasheet
1Mb / 1P
   SMD Common Mode Filter
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
   SMD Wirewound Common Mode Filter
SCM30S ALLIED-SCM30S Datasheet
1Mb / 1P
   SMD Wirewound Common Mode Filter
logo
XFMRS Inc.
XF2506-CMC12 XFMRS-XF2506-CMC12 Datasheet
262Kb / 2P
   COMMON MODE SMD LINE FILTER
logo
Sumida Corporation
SCM-2M3216-700 SUMIDA-SCM-2M3216-700 Datasheet
443Kb / 4P
   Multilayer Chip Common Mode Filter
SCL-2M2012-700JT SUMIDA-SCL-2M2012-700JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
SCM-2012 SUMIDA-SCM-2012 Datasheet
439Kb / 4P
   Multilayer Chip Common Mode Filter
logo
Allied Components Inter...
PCMF9070S ALLIED-PCMF9070S Datasheet
1Mb / 2P
   SMD High Current Common Mode Filter
PCMF1211S ALLIED-PCMF1211S Datasheet
2Mb / 3P
   SMD High Current Common Mode Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com