Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC51-0162-302 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IC51-0162-302
Description  SOP (Small Outline Packages, Gullwing Leads)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC51-0162-302 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IC51-0162-302 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC51-0162-302 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC51-0162-302 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC51-0162-302 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC51-0162-302 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC51-0162-302 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC51-0162-302 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
41
Test Solutions
Series Overview
*SOP (Small Outline Packages, Gullwing Leads)
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Dielectric Withstanding Voltage: 700V AC for 1 minute
Contact Resistance:
30m
Ω max. at 10mA/20mV max.
Current Rating:
1A max.
Operating Temperature Range:
–40°C to +170°C
–40°C to +150°C (type -004*)
Mating Cycles:
10,000 insertions min.
Contact Force:
20g to 80g per pin
Materials and Finish
Housing: Polyetherimide (PEI), glass-filled
Contacts: Beryllium Copper (BeCu)
Plating:
Gold over Nickel
0.5mm Pitch
Series IC191 (Open Top)
Thin Small Outline Package (TSOP Type I)
Part Number (Details)
Series No.
Number of Sides
with Contacts
No. of Contact Pins
Design Number
Positioning Pin:
N=Without Positioning Pin
Unmarked =With Positioning Pin
IC191
032
001
2*
--
cont‘d next page
Series IC51
Contact Styles
Series IC (kelvin)
Series IC189 / IC191
Series IC235
Series IC (two point
Contact)


Similar Part No. - IC51-0162-302

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC51-0204-602 YAMAICHI-IC51-0204-602 Datasheet
128Kb / 3P
   Plastic Lead Chip Carrier (PLCC)
IC51-0284-399 YAMAICHI-IC51-0284-399 Datasheet
128Kb / 3P
   Plastic Lead Chip Carrier (PLCC)
IC51-0324-1498 YAMAICHI-IC51-0324-1498 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
IC51-0324-354 YAMAICHI-IC51-0324-354 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
IC51-0324-453 YAMAICHI-IC51-0324-453 Datasheet
128Kb / 3P
   Plastic Lead Chip Carrier (PLCC)
More results

Similar Description - IC51-0162-302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
logo
Yamaichi Electronics Co...
IC51-0484-806 YAMAICHI-IC51-0484-806 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
TT Electronics.
OPIA500B TTELEC-OPIA500B Datasheet
1Mb / 23P
   SMD and SOP Packages
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
   plastic thin shrink small outline package; 8 leads;
logo
TT Electronics.
OPIA401 TTELEC-OPIA401 Datasheet
2Mb / 31P
   SMD, SOP and SSOP Packages
logo
ACCUTEK MICROCIRCUIT CO...
AKB083220 ACCUTEK-AKB083220_13 Datasheet
159Kb / 2P
   Thin Small Outline Packages TSOP to SOIC BGA Adapters
logo
Intersil Corporation
M24.173B INTERSIL-M24.173B Datasheet
42Kb / 1P
   Thin Shrink Small Outline Wxposed Pad Plastic Packages ( EPTSSOP)
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
logo
ACCUTEK MICROCIRCUIT CO...
AKL083220 ACCUTEK-AKL083220_13 Datasheet
128Kb / 2P
   Thin Shrink Small Outline Packages TSOP to SOIC Leaded Adapters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com