Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2308-5HPGGI8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 2308-5HPGGI8
Description  3.3V ZERO DELAY CLOCK MULTIPLIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

2308-5HPGGI8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 2308-5HPGGI8 Datasheet HTML 5Page - Integrated Device Technology 2308-5HPGGI8 Datasheet HTML 6Page - Integrated Device Technology 2308-5HPGGI8 Datasheet HTML 7Page - Integrated Device Technology 2308-5HPGGI8 Datasheet HTML 8Page - Integrated Device Technology 2308-5HPGGI8 Datasheet HTML 9Page - Integrated Device Technology 2308-5HPGGI8 Datasheet HTML 10Page - Integrated Device Technology 2308-5HPGGI8 Datasheet HTML 11Page - Integrated Device Technology 2308-5HPGGI8 Datasheet HTML 12Page - Integrated Device Technology 2308-5HPGGI8 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2308
3.3V ZERO DELAY CLOCK MULTIPLIER
TYPICAL DUTY CYCLE(1) AND IDD TRENDS(2) FOR IDT2308-1, 2, 3, AND 4
NOTES:
1. Duty Cycle is taken from typical chip measured at 1.4V.
2. IDD data is calculated from IDD = ICORE + nCVf, where ICORE is the Unloaded Current (n = Number of Outputs; C = Capacitance Load per Output (F); V = Voltage Supply(V);
f = Frequency (Hz).
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
40
42
44
46
48
50
52
54
56
58
60
Duty Cycle vs VDD
(for 30pf loads over frequency - 3.3V, 25C)
33MHz
66MHz
100MHz
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
40
42
44
46
48
50
52
54
56
58
60
Duty Cycle vs VDD
(for 15pF loads over frequency - 3.3V, 25C)
33MHz
66MHz
100MHz
20
40
60
80
100
120
140
Frequency (MHz)
40
42
44
46
48
50
52
54
56
58
60
Duty Cycle vs Frequency
(for 30pf loads over temperature - 3.3V)
-40C
0C
25C
70C
85C
133MHz
20
40
60
80
100
120
140
Frequency (MHz)
40
42
44
46
48
50
52
54
56
58
60
Duty Cycle vs Frequency
(for 15pF loads over temperature - 3.3V)
-40C
0C
25C
70C
85C
02
4
6
8
Number of Loaded Outputs
0
20
40
60
80
100
120
140
IDD vs Number of Loaded Outputs
(for 30pf loads over frequency - 3.3V, 25C)
33MHz
66MHz
100MHz
02
4
6
8
Number of Loaded Outputs
0
20
40
60
80
100
120
140
IDD vs Number of Loaded Outputs
(for 15pF loads over frequency - 3.3V, 25C)
33MHz
66MHz
100MHz


Similar Part No. - 2308-5HPGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
2308-5HPGGI8 IDT-2308-5HPGGI8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
2308-5HPGGI8 RENESAS-2308-5HPGGI8 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
More results

Similar Description - 2308-5HPGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308A IDT-IDT2308A Datasheet
81Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com