Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2308-1DCGI8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 2308-1DCGI8
Description  3.3V ZERO DELAY CLOCK MULTIPLIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

2308-1DCGI8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 2308-1DCGI8 Datasheet HTML 2Page - Integrated Device Technology 2308-1DCGI8 Datasheet HTML 3Page - Integrated Device Technology 2308-1DCGI8 Datasheet HTML 4Page - Integrated Device Technology 2308-1DCGI8 Datasheet HTML 5Page - Integrated Device Technology 2308-1DCGI8 Datasheet HTML 6Page - Integrated Device Technology 2308-1DCGI8 Datasheet HTML 7Page - Integrated Device Technology 2308-1DCGI8 Datasheet HTML 8Page - Integrated Device Technology 2308-1DCGI8 Datasheet HTML 9Page - Integrated Device Technology 2308-1DCGI8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2308
3.3V ZERO DELAY CLOCK MULTIPLIER
SWITCHING CHARACTERISTICS - COMMERCIAL
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
t1
OutputFrequency
30pF Load, all devices
10
100
MHz
t1
OutputFrequency
20pF Load, -1H, -2H, -5H Devices(1)
10
133.3
MHz
t1
OutputFrequency
15pF Load, -1, -2, -3, -4 devices
10
133.3
MHz
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT = 66.66MHz
40
50
60
%
(-1, -2, -3, -4, -1H, -2H, -5H)
30pFLoad
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT = 50MHz
45
50
55
%
(-1, -2, -3, -4, -1H, -2H, -5H)
15pFLoad
t3
Rise Time (-1, -2, -3, -4)
Measured between 0.8V and 2V, 30pF Load
2.2
ns
t3
Rise Time (-1, -2, -3, -4)
Measured between 0.8V and 2V, 15pF Load
1.5
ns
t3
Rise Time (-1H, -2H, -5H)
Measured between 0.8V and 2V, 30pF Load
1.5
ns
t4
Fall Time (-1, -2, -3, -4)
Measured between 0.8V and 2V, 30pF Load
2.2
ns
t4
Fall Time (-1, -2, -3, -4)
Measured between 0.8V and 2V, 15pF Load
1.5
ns
t4
Fall Time (-1H, -5H)
Measured between 0.8V and 2V, 30pF Load
1.25
ns
t5
Output to Output Skew on same Bank
Alloutputsequallyloaded
200
ps
(-1, -2, -3, -4)
Output to Output Skew (-1H, -2H, -5H)
Alloutputsequallyloaded
200
ps
Output Bank A to Output Bank B (-1, -4, -2H, -5H)
Alloutputsequallyloaded
200
ps
Output Bank A to Output Bank B Skew (-2, -3)
Alloutputsequallyloaded
400
ps
t6
Delay, REF Rising Edge to FBK Rising Edge
MeasuredatVDD/2
0
±250
ps
t7
Device to Device Skew
Measured at VDD/2 on the FBK pins of devices
0
700
ps
t8
OutputSlewRate
Measured between 0.8V and 2V on -1H, -2H, -5H
1
V/ns
device using Test Circuit 2
tJ
Cycle to Cycle Jitter
Measured at 66.67 MHz, loaded outputs, 15pF Load
200
(-1, -1H, -4, -5H)
Measured at 66.67MHz, loaded outputs, 30pF Load
200
ps
Measured at 133.3 MHz, loaded outputs, 15pF Load
100
tJ
Cycle to Cycle Jitter
Measured at 66.67 MHz, loaded outputs, 30pF Load
400
ps
(-2, -2H, -3)
Measuredat66.67MHz,loadedoutputs,15pFLoad
400
tLOCK
PLL Lock Time
Stable Power Supply, valid clocks presented
1
ms
on REF and FBK pins
NOTE:
1. IDT2308-5H has maximum input frequency of 133.33 MHz and maximum output of 66.67MHz.


Similar Part No. - 2308-1DCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
2308-1DCGI8 IDT-2308-1DCGI8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
2308-1DCGI8 RENESAS-2308-1DCGI8 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
More results

Similar Description - 2308-1DCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308A IDT-IDT2308A Datasheet
81Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com