Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B22P-SHF-1AA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B22P-SHF-1AA
Description  Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B22P-SHF-1AA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B22P-SHF-1AA Datasheet HTML 1Page - List of Unclassifed Manufacturers B22P-SHF-1AA Datasheet HTML 2Page - List of Unclassifed Manufacturers B22P-SHF-1AA Datasheet HTML 3Page - List of Unclassifed Manufacturers B22P-SHF-1AA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NH CONNECTOR
Contact –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
9
3.8
4
2.2
1.95
1.7
1.2
0.7
Model No.
Applicable wire
mm2
AWG #
Insulation O.D. (mm)
1.2 to 1.7
0.9 to 1.2
Q'ty /
reel
Material and Finish
SHF-001T-0.8BS
SHF-002T-0.8BS
0.08 to 0.33
0.05 to 0.08
28 to 22
30 to 28
Phosphor bronze, tin-plated (reflow treatment)
5,000
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
A
B
C
3
11.7
1.5
Cir-
cuits
Model No.
Dimensions (mm)
AB
C
Q'ty /
bag
Material
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
20
21
22
24
25
H 2P-SHF-AA
H 3P-SHF-AA
H 4P-SHF-AA
H 5P-SHF-AA
H 6P-SHF-AA
H 7P-SHF-AA
H 8P-SHF-AA
H 9P-SHF-AA
H10P-SHF-AA
H11P-SHF-AA
H12P-SHF-AA
H13P-SHF-AA
H14P-SHF-AA
H15P-SHF-AA
H16P-SHF-AA
H18P-SHF-AA
H20P-SHF-AA
H21P-SHF-AA
H22P-SHF-AA
H24P-SHF-AA
H25P-SHF-AA
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
42.5
47.5
50.0
52.5
57.5
60.0
5.7
8.2
10.7
13.2
15.7
18.2
20.7
23.2
25.7
28.2
30.7
33.2
35.7
38.2
40.7
45.7
50.7
53.2
55.7
60.7
63.2
8.7
11.2
13.7
16.2
18.7
21.2
23.7
26.2
28.7
31.2
33.7
36.2
38.7
41.2
43.7
48.7
53.7
56.2
58.7
63.7
66.2
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
500
200
200
200
200
200
200
200
200
PA 6, UL94V-0, natural (white)
RoHS compliance
Note:
1. Contact JST for gold-plated products.
2. Also contact JST if you require shielded wires, thin wires or other special
wires.
3. Contact JST for brass products.
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
H2P-SHF-AA-oo-
(blank)…natural (white)
K…black R…red TR…tomato red E…blue M…green
O…orange N…brown


Similar Part No. - B22P-SHF-1AA

ManufacturerPart #DatasheetDescription
logo
EMP-Centauri s.r.o.
B22PCP-1 EMP-CENTAURI-B22PCP-1 Datasheet
434Kb / 1P
   Power inserter 2in / 2out
More results

Similar Description - B22P-SHF-1AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com