Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B12P-SHF-1AA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B12P-SHF-1AA
Description  Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B12P-SHF-1AA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B12P-SHF-1AA Datasheet HTML 1Page - List of Unclassifed Manufacturers B12P-SHF-1AA Datasheet HTML 2Page - List of Unclassifed Manufacturers B12P-SHF-1AA Datasheet HTML 3Page - List of Unclassifed Manufacturers B12P-SHF-1AA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PC board layout (viewed from soldering side) and Assembly layout –––––––––––––––––––
2.5 ±0.05
2.5 ±0.05
3.1min.
3.1min.
6.5
3.5 3
14.7
3
17.7
9.5
2.8
12.2
2.5 ±0.05
4 min.
φ0.9
+0.1
0
φ0.9
+0.1
0
φ0.9
+0.1
0
Note:
1. Tolerances are non-cumulative: ±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline.
Contact JST for details.
Top entry type
Side entry type
Bottom entry type
NH CONNECTOR
SHF-001T-0.8BS
AP-K2N
MKS-L
MK/SHF-001-08S
APLMK SHF001-08S
*MKS-SC
SC/SHF-001-08S
APLSC SHF001-08S
SHF-002T-0.8BS
AP-K2N
MKS-L
MK/SHF-002-08S
APLMK SHF002-08S
*MKS-SC
SC/SHF-002-08S
APLSC SHF002-08S
Note: *Strip-crimp applicator
Contact
Crimping machine
Crimp applicator
Dies
Crimp applicator with dies
Crimping machine, Applicator –––––––––––––––––––––––––––––––––––––––––––––––


Similar Part No. - B12P-SHF-1AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B12P-VL ETC2-B12P-VL Datasheet
232Kb / 5P
   6.2mm pitch/Disconnectable Crimp style connectors
B12P-VL ETC2-B12P-VL Datasheet
232Kb / 5P
   6.2mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B12P-SHF-1AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com