Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCHOTTKY-DETECTOR-DIODES Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SCHOTTKY-DETECTOR-DIODES
Description  Schottky Detector Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SCHOTTKY-DETECTOR-DIODES Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SCHOTTKY-DETECTOR-DIODES Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SCHOTTKY-DETECTOR-DIODES Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SCHOTTKY-DETECTOR-DIODES Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SCHOTTKY-DETECTOR-DIODES Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Schottky Detector Diodes
Rev. V4
Schottky Detector Diodes
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Maximum Ratings
Packaged N Type Silicon Schottky
Detector Diodes
These low barrier packaged detector diodes are
suitable for use in waveguide and coaxial detec-
tors. They feature high sensitivity and low l/f noise.
These diodes are listed by increasing test fre-
quency, grouped by packages style and decreasing
Tss. Other case styles than those specified may
be available.
Specifications @ TA = +25°C
Model Number
1
Case Style
Test Frequency (GHz)
Maximum
2,3 Tang.
Signal Sensitivity TSS
(dBm)
Video Impedance
3,4
Range
Min./Max.
(k Ohms)
MA40201
119
10
-55
1/2
MA40205
119
16
-52
1/2
MA40215
120
16
-52
1/2
Notes:
1. Schottky barrier junction diodes are thermocompression bonded in case style 119 and 120. The standard case style is given for each
model number. Other case styles may be available.
2. The video amplifier bandwidth is 1 MHz and the nominal amplifier noise figure is 3 dB. DC Impedance is 10 k ohms.
3. The DC bias is 20 µA.
4. RF Power = 30 dBm. The DC forward bias is +20 µA.
5. Measured at the indicated test frequency and at -30 dBm RF power.
Temperature Ratings
Storage Operating Temperature
-65°C to +150°C
(Case Styles 54, 119, 120, 135, 135A, 186, 276)
-65°C to +125°C (Case Styles 137, 213)
Power Ratings @ 25°C
Maximum Peak Incident RF Power
Maximum CW RF Power
Derate Linearity to Zero at 150°C
S-X Band 1 Watt - 1 microsecond maximum pulse length
Ku-K Band 0.5 W - 1 microsecond maximum pulse length
S-X Band 150 mW (maximum)
Ku-K Band 100 mW (maximum)
Solder Temperature
For case styles 54, 119, 186, 276
For case style 120
For case styles 137 and 213
230°C for 5 seconds, 1 mm from package
200°C for 5 seconds
150°C for 5 seconds, 1 mm from package


Similar Part No. - SCHOTTKY-DETECTOR-DIODES

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SCH-1 RICHCO-SCH-1 Datasheet
39Kb / 1P
   STANDING CAPACITOR HOLDER
SCH-2 RICHCO-SCH-2 Datasheet
41Kb / 1P
   STANDING CAPACITOR HOLDER
SCH-2-H RICHCO-SCH-2-H Datasheet
41Kb / 1P
   STANDING CAPACITOR HOLDER
logo
Sharp Corporation
SCH-V SHARP-SCH-V Datasheet
266Kb / 40P
   8 M-bit (1 MB x 8) Smart 5
logo
Advanced Crystal Techno...
SCH100 ACT-SCH100 Datasheet
659Kb / 3P
   Software Compensated OCXO
More results

Similar Description - SCHOTTKY-DETECTOR-DIODES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VXG4 MACOM-VXG4 Datasheet
385Kb / 5P
   Schottky Detector Diodes
MA40053 MACOM-MA40053 Datasheet
382Kb / 5P
   Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA40053 MA-COM-MA40053 Datasheet
117Kb / 5P
   Schottky Detector Diodes
MA4E929 MA-COM-MA4E929 Datasheet
41Kb / 1P
   Schottky Zero Bias Detector Diodes
logo
Broadcom Corporation.
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286L BOARDCOM-HSMS-286L Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286X AVAGO-HSMS-286X Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2862-TR1 AVAGO-HSMS-2862-TR1 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com