Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4P1200NM-401T Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P1200NM-401T
Description  High Power PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P1200NM-401T Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button MA4P1200NM-401T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P1200NM-401T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P1200NM-401T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P1200NM-401T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P1200NM-401T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P1200NM-401T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4P1200NM-401T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4P1200NM-401T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MA4P1200NM-401T Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
High Power PIN Diodes
V14
MA4P MELF & HIPAXSeries
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
Parameter
Symbol
Condition
MA4P4000
Series
MA4P4300
Series
MA4P7000
Series
MA4P7100
Series
Maximum Series Resistance
RS
IF = 100 mA
0.5
Ω
1.0
Ω
0.9
Ω
0.5
Ω
Maximum Total Capacitance
CT
VR = 100 V
2.2 pF
2.0 pF
0.7 pF
1.0 pF
Minimum Parallel Resistance
RP
VR = 100 V
20 k
Ω
50 k
Ω
200 k
Ω
100 k
Ω
Minimum Carrier Lifetime
TL
IF = 10 mA
20 µs
15 µs
5 µs
2.5 µs
Maximum Forward Voltage
VF
IF = 100 mA
1.0 V
1.2 V
1.0 V
1.0 V
Maximum Reverse Current
IR
At max. rated voltage
1 µA
1 µA
1 µA
1 µA
Nominal I-Region Width
μ
175 µm
300 µm
175 µm
100 µm
Package Style
Condition
MA4P4000
Series
MA4P4300
Series
MA4P7000
Series
MA4P7100
Series
PDISS
θJC
PDISS
θJC
PDISS
θJC
PDISS
θJC
B
Axial Leaded
1/4” Lead Length
12 W
12.5°C/W
10 W
15°C/W
5 W
30°C/W
6 W
25°C/W
No Heatsink
2.5 W
2.5 W
1.5 W
1.5 W
F
MELF
Infinite Heatsink
7.5 W
20°C/W
5 W
30°C/W
10 W
15°C/W 11.5 W 13°C/W
Both B and F
Single 1 µs pulse
100 kW
100 kW
15 kW
15 kW
Both B and F
Single 100 µs pulse
5 kW
0.03°C/W
5 kW 0.03°C/W 300 W 0.5°C/W 300 W 0.5°C/W
MA4P4000 - MA4P7100 Series Electrical Specifications @ TAMB = +25°C
Maximum Reverse
Voltage Rating
MA4P4000
Series
MA4P4300
Series
MA4P7000
Series
MA4P7100
Series
100 Volts
MA4P4001B-402
MA4P4001BNM-402
MA4P4001F-1091T
MA4P4301B-402
MA4P4301F-1091T
MA4P7001F-1072T
MA4P7101B-401T
MA4P7101F-1072T
200 Volts
MA4P4002B-402
MA4P4002F-1091T
MA4P4302B-402
MA4P7002B-401T
MA4P7002F-1072T
MA4P7102B-401T
MA4P7102F-1072T
400 Volts
MA4P7104B-401T
MA4P7104F-1072T
600 Volts
MA4P4006F-1091T
MA4P4006B-402
MA4P7006B-401T
MA4P7006F-1072T
Maximum Reverse Voltage Rating ( VR )
*Notes:
1.) “NM” in the base part number signifies non-magnetic package.
2.) “T” suffix denotes tape and reel


Similar Part No. - MA4P1200NM-401T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA4P1200NM-401T ETC-MA4P1200NM-401T Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
Tyco Electronics
MA4P1200NM-401T MACOM-MA4P1200NM-401T Datasheet
1Mb / 12P
   MA4P MELF & HIPAX?줤eries
logo
M/A-COM Technology Solu...
MA4P1200NM-401T MA-COM-MA4P1200NM-401T Datasheet
2Mb / 13P
   High Power PIN Diodes
MA4P1200NM-401T MA-COM-MA4P1200NM-401T Datasheet
2Mb / 13P
   High Power PIN Diodes
More results

Similar Description - MA4P1200NM-401T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM4000 MICROSEMI-UM4000_09 Datasheet
505Kb / 6P
   HIGH POWER PIN DIODES
UM4000 MICROSEMI-UM4000_05 Datasheet
931Kb / 12P
   HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P1200-401T MA-COM-MA4P1200-401T Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
Microsemi Corporation
UM7204B MICROSEMI-UM7204B Datasheet
322Kb / 7P
   HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P MA-COM-MA4P Datasheet
2Mb / 13P
   High Power PIN Diodes
logo
Microsemi Corporation
UM7000 MICROSEMI-UM7000_09 Datasheet
335Kb / 7P
   HIGH POWER PIN DIODES
logo
Skyworks Solutions Inc.
SMP1324-087LF SKYWORKS-SMP1324-087LF Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
List of Unclassifed Man...
MA4P7006F-1072T ETC-MA4P7006F-1072T Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
Microsemi Corporation
UM7000 MICROSEMI-UM7000_05 Datasheet
310Kb / 11P
   HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
PIN-HIPAX-SERIES MA-COM-PIN-HIPAX-SERIES_15 Datasheet
1Mb / 12P
   High Power PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com