Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTC60BBM24T3G Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTC60BBM24T3G
Description  Boost buck chopper MOSFET Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60BBM24T3G Datasheet(HTML) 6 Page - Microsemi Corporation

  APTC60BBM24T3G Datasheet HTML 1Page - Microsemi Corporation APTC60BBM24T3G Datasheet HTML 2Page - Microsemi Corporation APTC60BBM24T3G Datasheet HTML 3Page - Microsemi Corporation APTC60BBM24T3G Datasheet HTML 4Page - Microsemi Corporation APTC60BBM24T3G Datasheet HTML 5Page - Microsemi Corporation APTC60BBM24T3G Datasheet HTML 6Page - Microsemi Corporation APTC60BBM24T3G Datasheet HTML 7Page - Microsemi Corporation APTC60BBM24T3G Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
APTC60BBM24T3G
www.microsemi.com
6 – 8
TJ=25°C
TJ=150°C
1
10
100
1000
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Delay Times vs Current
td(on)
td(off)
0
20
40
60
80
100
120
140
0
20406080 100 120 140 160
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
10
20
30
40
50
60
70
0
20
40
60
80 100 120 140 160
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
1
2
3
4
0
20
40
60
80 100 120 140 160
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Eon
Eoff
0
1
2
3
4
5
0
5
10
15
20
25
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=400V
ID=95A
TJ=125°C
L=100µH
hard
switching
ZCS
ZVS
0
50
100
150
200
250
300
10 20 30 40 50 60 70 80 90
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=400V
D=50%
RG=2.5Ω
TJ=125°C
TC=75°C


Similar Part No. - APTC60BBM24T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60AM18SC ADPOW-APTC60AM18SC Datasheet
311Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM24SCTG MICROSEMI-APTC60AM24SCTG Datasheet
240Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM24T1G MICROSEMI-APTC60AM24T1G Datasheet
318Kb / 6P
   Phase leg Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60AM35SCT ADPOW-APTC60AM35SCT Datasheet
317Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC60BBM24T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100DAM90G MICROSEMI-APTM100DAM90G Datasheet
272Kb / 6P
   Boost chopper MOSFET Power Module
APTM120DA15G MICROSEMI-APTM120DA15G Datasheet
271Kb / 6P
   Boost chopper MOSFET Power Module
APTM50DAM35TG MICROSEMI-APTM50DAM35TG Datasheet
286Kb / 6P
   Boost Chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM10DAM05T ADPOW-APTM10DAM05T Datasheet
308Kb / 6P
   Boost chopper MOSFET Power Module
APTM20DAM08TG ADPOW-APTM20DAM08TG Datasheet
309Kb / 6P
   Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20DAM04G MICROSEMI-APTM20DAM04G Datasheet
272Kb / 6P
   Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DAM04 ADPOW-APTM20DAM04 Datasheet
285Kb / 6P
   Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20DAM08TG MICROSEMI-APTM20DAM08TG Datasheet
289Kb / 6P
   Boost chopper MOSFET Power Module
APTM100DA33T1G MICROSEMI-APTM100DA33T1G Datasheet
151Kb / 5P
   Boost chopper MOSFET Power Module
APTM100DA40T1G MICROSEMI-APTM100DA40T1G Datasheet
151Kb / 5P
   Boost chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com