Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2181 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2181
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2181 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2181 Datasheet HTML 1Page - Diodes Incorporated AP2181 Datasheet HTML 2Page - Diodes Incorporated AP2181 Datasheet HTML 3Page - Diodes Incorporated AP2181 Datasheet HTML 4Page - Diodes Incorporated AP2181 Datasheet HTML 5Page - Diodes Incorporated AP2181 Datasheet HTML 6Page - Diodes Incorporated AP2181 Datasheet HTML 7Page - Diodes Incorporated AP2181 Datasheet HTML 8Page - Diodes Incorporated AP2181 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP2181/ AP2191
Document number: DS31563 Rev. 7 - 2
5 of 17
www.diodes.com
March 2013
© Diodes Incorporated
AP2181/ AP2191
Typical Performance Characteristics
VEN
90%
VOUT
TD(ON)
10%
TD(OFF)
50%
50%
TR
10%
90%
TF
VEN
90%
VOUT
TD(ON)
10%
TD(OFF)
50%
50%
TR
10%
90%
TF
Figure 1 Voltage Waveforms: AP2181 (left), AP2191 (right)
All Enable Plots are for AP2191 Active High
Turn-On Delay and Rise Time
400µs/div
Turn-Off Delay and Fall Time
400µs/div
Turn-On Delay and Rise Time
400µs/div
Turn-Off Delay and Fall Time
400µs/div
Vout
2V/div
Ven
5V/div
CL = 1µF
TA = +25°C
RL = 5Ω
Vout
2V/div
Ven
5V/div
CL = 1µF
TA = +25°C
RL = 5Ω
Vout
2V/div
Ven
5V/div
CL = 100µF
TA = +25°C
RL = 5Ω
Vout
2V/div
Ven
5V/div
CL = 100µF
TA = +25°C
RL = 5Ω


Similar Part No. - AP2181

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2181 DIODES-AP2181 Datasheet
386Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2181 DIODES-AP2181 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181AFM-7 DIODES-AP2181AFM-7 Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181AMP-13 DIODES-AP2181AMP-13 Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results

Similar Description - AP2181

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2181D_1009 DIODES-AP2181D_1009 Datasheet
408Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32251 Rev. 2 - 2
AP2181_0906 DIODES-AP2181_0906 Datasheet
386Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com