Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6143IRHB25 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS6143IRHB25
Description  14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6143IRHB25 Datasheet(HTML) 4 Page - Texas Instruments

  ADS6143IRHB25 Datasheet HTML 1Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 2Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 3Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 4Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 5Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 6Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 7Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 8Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ADS6145, ADS6144
ADS6143, ADS6142
SLWS198B – JULY 2007 – REVISED MARCH 2008
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
3
3.3
3.6
V
CMOS Interface
1.65
1.8 to 3.3
3.6
V
DRVDD Output buffer supply voltage(1)
LVDS Interface
3
3.3
3.6
V
ANALOG INPUTS
Differential input voltage range
2
Vpp
VIC
Input common-mode voltage
1.5 ± 0.1
V
Voltage applied on VCM in external reference mode
1.45
1.5
1.55
V
CLOCK INPUT
ADS6145
1
125
ADS6144
1
105
Input clock sample rate, FS
MSPS
ADS6143
1
80
ADS6142
1
65
Sine wave, ac-coupled
0.4
1.5
LVPECL, ac-coupled
± 0.8
Input clock amplitude differential
Vpp
(VCLKP – VCLKM)
LVDS, ac-coupled
± 0.35
LVCMOS, ac-coupled
3.3
Input Clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
DEFAULT
For CLOAD ≤ 5 pF and DRVDD ≥ 2.2 V
strength
MAXIMUM
Output buffer drive strength (2)
For CLOAD > 5 pF and DRVDD ≥ 2.2 V
strength
MAXIMUM
For DRVDD < 2.2 V
strength
CMOS Interface, maximum buffer strength
10
Maximum external load capacitance from
CLOAD
LVDS Interface, without internal termination
5
pF
each output pin to DRGND
LVDS Interface, with internal termination
10
RLOAD
Differential load resistance (external) between the LVDS output pairs
100
TA
Operating free-air temperature
-40
85
°C
(1)
For easy migration to next generation, higher sampling speed devices (> 125 MSPS), use 1.8V DRVDD supply.
(2)
See Output Buffer Strength Programmability in the application section.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6145, ADS6144 ADS6143, ADS6142


Similar Part No. - ADS6143IRHB25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6143IRHBR TI-ADS6143IRHBR Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBRG4 TI-ADS6143IRHBRG4 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBT TI-ADS6143IRHBT Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBTG4 TI-ADS6143IRHBTG4 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS6143IRHB25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com