Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1236YRUZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADG1236YRUZ
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1236YRUZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1236YRUZ Datasheet HTML 6Page - Analog Devices ADG1236YRUZ Datasheet HTML 7Page - Analog Devices ADG1236YRUZ Datasheet HTML 8Page - Analog Devices ADG1236YRUZ Datasheet HTML 9Page - Analog Devices ADG1236YRUZ Datasheet HTML 10Page - Analog Devices ADG1236YRUZ Datasheet HTML 11Page - Analog Devices ADG1236YRUZ Datasheet HTML 12Page - Analog Devices ADG1236YRUZ Datasheet HTML 13Page - Analog Devices ADG1236YRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG1236
Rev. 0 | Page 10 of 16
TEMPERATURE (
°C)
0.35
–0.10
0
20
40
100
60
80
120
0.20
0.15
0.10
0.05
0
0.25
0.30
–0.05
ID, IS (ON)
IS (OFF)
VDD = 12V
VSS = 0V
VBIAS = 1V/10V
Figure 10. Leakage Currents as a Function of Temperature, Single Supply
LOGIC, INX (V)
60
50
40
30
10
20
0
0
2
4
6
8
10
12
14
VDD = 12V
VSS = 0V
VDD = 15V
VSS = –15V
IDD PER CHANNEL
TA = 25°C
Figure 11. IDD vs. Logic Level
VBIAS (V)
6
4
2
0
–2
–4
–6
–15
–10
–5
10
05
15
TA = 25°C
VDD = 15V
VSS = –15V
VDD = 12V
VSS = 0V
Figure 12. Charge Injection vs. Source Voltage
TEMPERATURE (
°C)
220
200
180
160
140
120
100
80
60
40
20
0
–40
–20
0
40
20
60
80
100
120
AOFF BON 12V SS
BOFF AON 12V SS
BOFF AON 15V DS
AOFF BON 15V DS
Figure 13. tTRANSITION Times vs. Temperature
FREQUENCY (Hz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10k
100k
10M
1M
100M
1G
VDD = 15V
VSS = –15V
TA = 25°C
Figure 14. Off Isolation vs. Frequency
FREQUENCY (Hz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10k
100k
10M
1M
100M
1G
VDD = 15V
VSS = –15V
TA = 25°C
BETWEEN
SA AND SB
BETWEEN
S1 AND S2
Figure 15. Crosstalk vs. Frequency


Similar Part No. - ADG1236YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1236YRU AD-ADG1236YRU Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
More results

Similar Description - ADG1236YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com