Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9644CCPZ-80 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9644CCPZ-80
Description  14-Bit, 80 MSPS/155 MSPS, 1.8 V Dual Serial Output Analog-to-Digital Converter (ADC)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9644CCPZ-80 Datasheet(HTML) 5 Page - Analog Devices

  AD9644CCPZ-80 Datasheet HTML 1Page - Analog Devices AD9644CCPZ-80 Datasheet HTML 2Page - Analog Devices AD9644CCPZ-80 Datasheet HTML 3Page - Analog Devices AD9644CCPZ-80 Datasheet HTML 4Page - Analog Devices AD9644CCPZ-80 Datasheet HTML 5Page - Analog Devices AD9644CCPZ-80 Datasheet HTML 6Page - Analog Devices AD9644CCPZ-80 Datasheet HTML 7Page - Analog Devices AD9644CCPZ-80 Datasheet HTML 8Page - Analog Devices AD9644CCPZ-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
AD9644
Rev. C | Page 5 of 44
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, 1.75 V p-p differential input, VIN = −1.0 dBFS differential input, DCS enabled,
unless otherwise noted.
Table 2.
AD9644-80
AD9644-155
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 10 MHz
25°C
73.8
71.9
dBFS
fIN = 70 MHz
25°C
73.7
71.7
dBFS
fIN = 180 MHz
25°C
72.6
71.4
dBFS
AD9644BCPZ-80
Full
71.8
dBFS
AD9644CCPZ-80
Full
70.0
dBFS
AD9644BCPZ-155
Full
69.8
dBFS
fIN = 220 MHz
25°C
72.0
71.0
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 10 MHz
25°C
72.7
70.8
dBFS
fIN = 70 MHz
25°C
72.6
70.7
dBFS
fIN = 180 MHz
25°C
71.5
70.3
dBFS
AD9644BCPZ-80
Full
70.4
dBFS
AD9644CCPZ-80
Full
68.6
dBFS
AD9644BCPZ-155
Full
68.7
dBFS
fIN = 220 MHz
25°C
71.1
69.9
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
11.8
11.5
Bits
fIN = 70 MHz
25°C
11.8
11.5
Bits
fIN = 180 MHz
25°C
11.6
11.4
Bits
fIN = 220 MHz
25°C
11.5
11.3
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 10 MHz
25°C
−94
−94
dBc
fIN = 70 MHz
25°C
−92
−92
dBc
fIN = 180 MHz
25°C
−87
−92
dBc
AD9644BCPZ-80
Full
−80
dBc
AD9644CCPZ-80
Full
−73
dBc
AD9644BCPZ-155
Full
−80
dBc
fIN = 220 MHz
25°C
−85
−90
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 10 MHz
25°C
94
94
dBc
fIN = 70 MHz
25°C
92
92
dBc
fIN = 180 MHz
25°C
87
92
dBc
AD9644BCPZ-80
Full
80
dBc
AD9644CCPZ-80
Full
73
dBc
AD9644BCPZ-155
Full
80
dBc
fIN = 220 MHz
25°C
85
90
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 10 MHz
25°C
−98
−97
dBc
fIN = 70 MHz
25°C
−98
−97
dBc
fIN = 180 MHz
25°C
−96
−95
dBc
AD9644BCPZ-80
Full
−90
dBc
AD9644CCPZ-80
Full
−87
dBc
AD9644BCPZ-155
Full
−89
dBc
fIN = 220 MHz
25°C
−95
−94
dBc


Similar Part No. - AD9644CCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9644CCPZ-80 AD-AD9644CCPZ-80 Datasheet
1Mb / 45P
   Serial Output Analog-to-Digital Converter
More results

Similar Description - AD9644CCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com