Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-573XL Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-573XL
Description  Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-573XL Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-573XL Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-573XL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-573XL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-573XL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-573XL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-573XL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-573XL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-573XL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-573XL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACPL-570XL, ACPL-573XL, ACPL-177XL, 5962-08227
Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
These devices are single, dual, and quad channel, hermeti-
cally sealed optocouplers. The products are capable of
operation and storage over the full military temperature
range and can be purchased as either standard product
or with full MIL-PRF-38534 Class Level H or K testing or
from DLA Drawing 5962-08227. All devices are manufac-
tured and tested on a MIL-PRF-38534 certified line and are
included in the DLA Qualified Products Database Supple-
mental Information Sheets QPDSIS-38534 as Hybrid Mi-
crocircuits.
Each channel contains a GaAsP light emitting diode which
is optically coupled to an integrated high gain photon
detector. The high gain output stage features an open
collector output providing both lower saturation voltage
and higher signaling speed than possible with conven-
tional photo-Darlington optocouplers.
The supply voltage can be operated as low as 3.0 V without
adversely affecting the parametric performance.
These devices have a 300% minimum CTR at an input
current of only 0.5 mA making them ideal for use in low
input current applications such as MOS, CMOS, low power
logic interfaces or line receivers.
The connection of a 0.1
F bypass capacitor between VCC and GND is recommended.
Features
 Low power consumption
 3.3V Supply voltages
 Dual marked with device part number and DLA
drawing number
 Manufactured and tested on a MIL-PRF-38534 Certified
Line
 QPDSIS-38534, Class H and K
 Three hermetically sealed package configurations
 Performance guaranteed over full military temperature
range: -55°C to +125°C
 Low input current requirement: 0.5 mA
 High current transfer ratio: 1500% typical @ IF = 0.5 mA
 Low output saturation voltage: 0.11 V typical
 1500 Vdc withstand test voltage
 HCPL-4701/31, -070A/31 function compatibility
Applications
 Military and aerospace
 High reliability systems
 Telephone ring detection
 Microprocessor system interface
 Transportation, medical, and life critical systems
 Isolated input line receiver
 EIA RS-232-C line receiver
 Voltage level shifting
 Isolated input line receiver
 Isolated output line driver
 Logic ground isolation
 Harsh industrial environments
 Current loop receiver
 System test equipment isolation
 Process control input/output isolation


Similar Part No. - ACPL-573XL

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
More results

Similar Description - ACPL-573XL

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com