Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP750P100 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # LP750P100
Description  PACKAGED 0.5 WATT POWER PHEMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP750P100 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  LP750P100 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP750P100 Datasheet HTML 2Page - Filtronic Compound Semiconductors LP750P100 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LP750P100
PACKAGED 0.5 WATT POWER PHEMT
Phone:
(408) 988-1845
http://
www.filtronicsolidstate.com
Revised:
03/02/01
Fax:
(408) 970-9950
Email:
sales@filss.com
• PACKAGE OUTLINE
dimensions in mils, tolerance =
± 2 mils
All information and specifications are subject to change without notice.


Similar Part No. - LP750P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP750 FILTRONIC-LP750 Datasheet
34Kb / 2P
   0.5 W POWER PHEMT
LP750SOT89 FILTRONIC-LP750SOT89 Datasheet
43Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
LP750SOT89-1 FILTRONIC-LP750SOT89-1 Datasheet
43Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
LP750SOT89-2 FILTRONIC-LP750SOT89-2 Datasheet
43Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - LP750P100

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2471 TRANSCOM-TC2471 Datasheet
195Kb / 3P
   0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2481 TRANSCOM-TC2481 Datasheet
203Kb / 4P
   0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2491 TRANSCOM-TC2491 Datasheet
104Kb / 3P
   0.5 W Flange Ceramic Packaged PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
   PACKAGED 2W POWER PHEMT
LP6836SOT343 FILTRONIC-LP6836SOT343 Datasheet
67Kb / 2P
   PACKAGED MEDIUM POWER PHEMT
FPD4000AS FILTRONIC-FPD4000AS Datasheet
197Kb / 3P
   2.5W PACKAGED POWER PHEMT
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
   Packaged 0.5W Power PHEMT
FPD10000AF FILTRONIC-FPD10000AF Datasheet
185Kb / 3P
   10W PACKAGED POWER PHEMT
LP1500P100 FILTRONIC-LP1500P100 Datasheet
48Kb / 3P
   PACKAGED 1W POWER PHEMT
LP6836P100 FILTRONIC-LP6836P100 Datasheet
23Kb / 2P
   Packaged 0.25W Power PHEMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com